Electronic Components Datasheet Search
  English  ▼

X  

LH-CP7P Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LH-CP7P
Description  SMD ceramic package with silicon resin with lens
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LH-CP7P Datasheet(HTML) 4 Page - OSRAM GmbH

  LH-CP7P Datasheet HTML 1Page - OSRAM GmbH LH-CP7P Datasheet HTML 2Page - OSRAM GmbH LH-CP7P Datasheet HTML 3Page - OSRAM GmbH LH-CP7P Datasheet HTML 4Page - OSRAM GmbH LH-CP7P Datasheet HTML 5Page - OSRAM GmbH LH-CP7P Datasheet HTML 6Page - OSRAM GmbH LH-CP7P Datasheet HTML 7Page - OSRAM GmbH LH-CP7P Datasheet HTML 8Page - OSRAM GmbH LH-CP7P Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2011-03-21
4
Released
LH CP7P
Kennwerte
Characteristics
(
T
S = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
Wellenlänge des emittierten Lichtes
Wavelength at peak emission
(typ.)
I
F = 400 mA
λ
peak
660
nm
Dominantwellenlänge
3) Seite 17
Dominant wavelength
3) page 17
(typ.)
I
F = 400 mA
λ
dom
λ
dom
λ
dom
645
nm
Schwerpunktwellenlänge
3) Seite 17
(min.
Centroid wavelength
3) page 17
(typ.)
I
F = 400 mA
(max.
λ
cent
λ
cent
λ
cent
646
656
666
nm
nm
nm
Spektrale Bandbreite bei 50 %
Φ
rel max
(typ.)
Spectral bandwidth at 50 %
Φ
rel max
I
F = 400 mA
Δλ
25
nm
Abstrahlwinkel bei 50 %
Ι
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
Ι
V
2
ϕ
80
Grad
deg.
Durchlassspannung
4) Seite 17
(min.)
Forward voltage
4) page 17
(typ.)
I
F = 400 mA
(max.)
V
F
V
F
V
F
2.0
2.15
2.6
V
V
V
Sperrstrom
Reverse current
(max.)
I
R
I
R
not designed for
reverse operation
Temperaturkoeffizient von
λ
centroid
(typ.)
Temperature coefficient of
λ
centroid
I
F = 400 mA; –10°C ≤ T ≤ 100°C
TCλcent
0.13
nm/K
Wärmewiderstand
Thermal resistance
Sperrschicht/Lötpad
(typ.)
Junction/solder point
(max.)
R
th JS
R
th JS
7
9.4*
K/W
K/W
*R
th(max) basiert auf statistischen Werten
R
th(max) is based on statistic values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com