Electronic Components Datasheet Search
  English  ▼

X  

GS74108TP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GS74108TP
Description  512K x 8 4Mb Asynchronous SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS74108TP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GS74108TP Datasheet HTML 1Page - List of Unclassifed Manufacturers GS74108TP Datasheet HTML 2Page - List of Unclassifed Manufacturers GS74108TP Datasheet HTML 3Page - List of Unclassifed Manufacturers GS74108TP Datasheet HTML 4Page - List of Unclassifed Manufacturers GS74108TP Datasheet HTML 5Page - List of Unclassifed Manufacturers GS74108TP Datasheet HTML 6Page - List of Unclassifed Manufacturers GS74108TP Datasheet HTML 7Page - List of Unclassifed Manufacturers GS74108TP Datasheet HTML 8Page - List of Unclassifed Manufacturers GS74108TP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Rev: 1.06 7/2000
2/12
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS74108TP/J
TSOP-II 512K x 8 Pin Configuration
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
A4
A3
A2
A1
A0
CE
DQ1
DQ2
VDD
VSS
DQ3
DQ4
WE
NC
A5
A6
A7
A8
OE
DQ8
DQ7
VSS
VDD
DQ6
DQ5
A10
A11
A12
A18
44 pin
400mil TSOP II
19
20
26
25
NC
21
22
NC
NC
24
23
NC
NC
1
2
NC
NC
44
43
NC
NC
A9
A13
A17
A16
A15
A14
Memory Array
Row
Decoder
Column
Decoder
Address
Input
Buffer
Control
I/O Buffer
A0
CE
WE
OE
DQ1
A18
Block Diagram
DQ8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com