Electronic Components Datasheet Search
  English  ▼

X  

HA17358AFP Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HA17358AFP
Description  Dual Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17358AFP Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HA17358AFP Datasheet HTML 1Page - Hitachi Semiconductor HA17358AFP Datasheet HTML 2Page - Hitachi Semiconductor HA17358AFP Datasheet HTML 3Page - Hitachi Semiconductor HA17358AFP Datasheet HTML 4Page - Hitachi Semiconductor HA17358AFP Datasheet HTML 5Page - Hitachi Semiconductor HA17358AFP Datasheet HTML 6Page - Hitachi Semiconductor HA17358AFP Datasheet HTML 7Page - Hitachi Semiconductor HA17358AFP Datasheet HTML 8Page - Hitachi Semiconductor HA17358AFP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HA17358/A Series
4
Electrical Characteristics (V
CC = +15 V, Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Input offset voltage
V
IO
—3
7
mV
V
CM = 7.5V, RS = 50Ω, Rf = 50kΩ
Input offset current
I
IO
—
5
50
nA
V
CM = 7.5V, IIO = | II (+) – II (–) |
Input bias current
I
IB
—
30
250
nA
V
CM = 7.5V
Power source rejection
ratio
PSRR
—
93
—
dB
R
S = 1kΩ, Rf = 100kΩ
Voltage gain
A
VD
75
90
—
dB
R
L = ∞, RS = 1kΩ, Rf = 100kΩ
Common mode rejection
ratio
CMR
—
80
—
dB
R
S = 50Ω, Rf = 5kΩ
Common mode input
voltage range
V
CM (+)
13.5
—
—
V
R
S = 1kΩ, Rf = 100kΩ
V
CM (–)
—
—
–0.3
V
R
S = 1kΩ, Rf = 100kΩ
Peak-to-peak output
voltage
Vop-p
—
13.6
—
V
f = 100Hz, R
L = 20kΩ, RS = 1kΩ,
Rf = 100k
Ω
Output source current
Iosource
20
40
—
mA
V
IN
+ = 1V, V
IN
– = 0V, V
OH = 10V
Output sink current
Iosink
10
20
—
mA
V
IN
– = 1V, V
IN
+ = 0V, V
OL = 2.5V
Output sink current
Iosink
15
50
—
µAV
IN
– = 1V, V
IN
+ = 0V,
Vout = 200mV
Supply current
I
CC
—
0.8
2
mA
V
IN = GND, RL = ∞
Slew rate
SR
—
0.2
—
V/
µsR
L = ∞, VCM = 7.5V, f = 1.5kHz
Channel separation
CS
—
120
—
dB
f = 1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com