Electronic Components Datasheet Search
  English  ▼

X  

GMS82516K Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # GMS82516K
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS82516K Datasheet(HTML) 5 Page - Hynix Semiconductor

  GMS82516K Datasheet HTML 1Page - Hynix Semiconductor GMS82516K Datasheet HTML 2Page - Hynix Semiconductor GMS82516K Datasheet HTML 3Page - Hynix Semiconductor GMS82516K Datasheet HTML 4Page - Hynix Semiconductor GMS82516K Datasheet HTML 5Page - Hynix Semiconductor GMS82516K Datasheet HTML 6Page - Hynix Semiconductor GMS82516K Datasheet HTML 7Page - Hynix Semiconductor GMS82516K Datasheet HTML 8Page - Hynix Semiconductor GMS82516K Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 110 page
background image
GMS81508B/16B/24B, GMS82512/16/24
2
MAY. 2001 Ver 2.0
- Noise filter
- Power fail processor
• Power Down Mode
- STOP mode
• 2.2V to 5.5V Wide Operating Range
• 1~10MHz Wide Operating Frequency
• 64SDIP, 64MQFP, 64LQFP package types
(42SDIP,44MQFP in GMS825xx)
• Available 16K, 24K bytes OTP version
(Available 24K bytes in GMS825xx)
1.3 Development Tools
The GMS815xxB and GMS825xx are supported by a full-
featured macro assembler, an in-circuit emulator
CHOICE-Dr.TM and OTP programmers. There are two
different type programmers such as single type, gang
type(Stand-alone gang4). For more detail, Refer to “22.
OTP PROGRAMMING” on page 76. Macro assembler
operates under the MS-Windows 95/98TM.
Please contact sales part of Hynix Semiconductor.
1.4 Ordering Information
Device name
ROM Size
RAM size
Package
Mask version
GMS81508B K
GMS81508B Q
GMS81508B LQ
GMS81516B K
GMS81516B Q
GMS81516B LQ
GMS81524B K
GMS81524B Q
GMS81524B LQ
GMS82512 K
GMS82512 Q
GMS82516 K
GMS82516 Q
GMS82524 K
GMS82524 Q
8K bytes
8K bytes
8K bytes
16K bytes
16K bytes
16K bytes
24K bytes
24K bytes
24K bytes
12K bytes
12K bytes
16K bytes
16K bytes
24K bytes
24K bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
64SDIP
64MQFP
64LQFP
64SDIP
64MQFP
64LQFP
64SDIP
64MQFP
64LQFP
42SDIP
44MQFP
42SDIP
44MQFP
42SDIP
44MQFP
OTP version
GMS81516BT K
GMS81516BT Q
GMS81516BT LQ
GMS81524BT K
GMS81524BT Q
GMS81524BT LQ
GMS82524 K
GMS82524 Q
16K bytes OTP
16K bytes OTP
16K bytes OTP
24K bytes OTP
24K bytes OTP
24K bytes OTP
24K bytes
24K bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
448 bytes
64SDIP
64MQFP
64LQFP
64SDIP
64MQFP
64LQFP
42SDIP
44MQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com