Electronic Components Datasheet Search
  English  ▼

X  

LTM4632 Datasheet(PDF) 27 Page - Linear Technology

Part # LTM4632
Description  Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4632 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTM4632 Datasheet HTML 20Page - Linear Technology LTM4632 Datasheet HTML 21Page - Linear Technology LTM4632 Datasheet HTML 22Page - Linear Technology LTM4632 Datasheet HTML 23Page - Linear Technology LTM4632 Datasheet HTML 24Page - Linear Technology LTM4632 Datasheet HTML 25Page - Linear Technology LTM4632 Datasheet HTML 26Page - Linear Technology LTM4632 Datasheet HTML 27Page - Linear Technology LTM4632 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
LTM4632
27
4632fc
For more information www.linear.com/LTM4632
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
REVISION HISTORY
REV
DATE
DESCRIPTION
PAGE NUMBER
A
05/16
Added BGA package
1, 2, 26
B
09/16
Corrected equations of tracking start-up time from RTR(TOP)/[RTR(TOP) + RTR(BOT)] to RTR(BOT)/[RTR(TOP) + RTR(BOT)]
13, 14
C
05/17
Changed VDDQ to 1.3V/3A and VTT to 0.65V
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com