Electronic Components Datasheet Search
  English  ▼

X  

LTM4636 Datasheet(PDF) 31 Page - Linear Technology

Part # LTM4636
Description  40A DC/DC 關Module Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4636 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTM4636 Datasheet HTML 27Page - Linear Technology LTM4636 Datasheet HTML 28Page - Linear Technology LTM4636 Datasheet HTML 29Page - Linear Technology LTM4636 Datasheet HTML 30Page - Linear Technology LTM4636 Datasheet HTML 31Page - Linear Technology LTM4636 Datasheet HTML 32Page - Linear Technology LTM4636 Datasheet HTML 33Page - Linear Technology LTM4636 Datasheet HTML 34Page - Linear Technology LTM4636 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
LTM4636
31
4636f
For more information www.linear.com/LTM4636
Typical applicaTions
Figure 27. Four Phase 0.9V at 160A Design
+
COMPA
COMPB
TK/SS
RUNC
RUNP
HIZREG
PHMODE
FREQ
MODE/PLLIN
CLKOUT
TMON
PWM
SW
VOUT
TEMP+ TEMP– SNSP1 SNSP2 SGND
VIN
34.8k
22µf
VOLTAGE OUT
TEMP MONITOR
22µF
16V
22µF
16V
22µF
16V
22µF
16V
150µF
35V
7V TO 14V
12V
12V
12V
INTVCC2
RUNC
RUNP
CLK2
CLK1
COMP
TK/SS
OPTIONAL TEMP MONITOR
FOR TELEMETRY READBACK ICs
INTVCC
INTVCC2
5V PVCC2
U2
LTM4636
PVCC
PGND
VFB
VOUTS1–
VFB
POWER GND
PWM2 TP
470µF
6.3V
+
470µF
6.3V
100µF
6.3V
×4
GND_SNS
2.2, 0805
2200pf
2200pf
4636 F27
VOUT
+
COMPA
COMPB
TK/SS
RUNC
RUNP
HIZREG
TMON
PWM
SW
VOUT
TEMP+ TEMP– SNSP1 SNSP2 SGND
VIN
34.8k
4.99k
5V
PVCC1
22µf
VOLTAGE OUT
TEMP MONITOR
CSS
0.47µF
0.47µF
INTVCC1
RUNC
RUNP
CLK1
COMP
TK/SS
OPTIONAL TEMP MONITOR
FOR TELEMETRY READBACK ICs
INTVCC
INTVCC1
5V PVCC1
U1
LTM4636
PVCC
PGND
VFB
VFB
PWM1 TP
470µF
6.3V
RFB
2.5k
+
470µF
6.3V
100µF
6.3V
×4
VOUTS1–
VOUTS1+
2.2, 0805
0.9V AT 160A
+
COMPA
COMPB
TK/SS
RUNC
RUNP
HIZREG
PHMODE
FREQ
MODE/PLLIN
CLKOUT
TMON
PWM
SW
VOUT
TEMP+ TEMP– SNSP1 SNSP2 SGND
VIN
34.8k
22µf
GND_SNS
VOLTAGE OUT
TEMP MONITOR
INTVCC3
RUNC
RUNP
CLK3
CLK2
TK/SS
COMP
OPTIONAL TEMP MONITOR
FOR TELEMETRY READBACK ICs
PINS NOT USED IN CIRCUIT U2:
PGOOD, TEST1, TEST2, TEST3,
TEST4, VOUTS1, GMON
PINS NOT USED IN CIRCUIT U1:
PGOOD, TEST1, TEST2, TEST3,
TEST4, GMON
PINS NOT USED IN CIRCUIT U3:
PGOOD, TEST1, TEST2, TEST3,
TEST4, VOUTS1, GMON
PINS NOT USED IN CIRCUIT U4:
PGOOD, TEST1, TEST2, TEST3,
TEST4, VOUTS1, GMON
INTVCC
INTVCC3
5V PVCC3
U3
LTM4636
PVCC
PGND
VFB
VFB
PWM3 TP
470µF
6.3V
+
470µF
6.3V
100µF
6.3V
×4
GND_SNS
2.2, 0805
2200pf
+
COMPA
COMPB
TK/SS
RUNC
RUNP
HIZREG
PHMODE
FREQ
MODE/PLLIN
TMON
PWM
SW
VOUT
TEMP+ TEMP– SNSP1 SNSP2 SGND
VIN
34.8k
22µf
VOLTAGE OUT
TEMP MONITOR
INTVCC4
RUNC
RUNP
CLK3
COMP
TK/SS
OPTIONAL TEMP MONITOR
FOR TELEMETRY READBACK ICs
INTVCC
INTVCC4
5V PVCC4
U4
LTM4636
PVCC
PGND
VFB
VOUTS1–
VFB
PWM4 TP
470µF
6.3V
+
470µF
6.3V
100µF
6.3V
×4
GND_SNS
2.2, 0805
2200pf
100pf
VOUTS1–
+
22µF
16V
22µF
16V
22µF
16V
22µF
16V
22µF
16V
22µF
16V
22µF
16V
22µF
16V
22µF
16V
22µF
16V
22µF
16V
22µF
16V
PHMODE
FREQ
MODE/PLLIN
CLKOUT
SGND
SGND
SGND
SGND
SGND
SGND
SGND
SGND
SGND
SGND
SGND
SGND
SGND
SGND
SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com