Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4630
Description  Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 1 Page - Linear Technology

  LTM4630 Datasheet HTML 1Page - Linear Technology LTM4630 Datasheet HTML 2Page - Linear Technology LTM4630 Datasheet HTML 3Page - Linear Technology LTM4630 Datasheet HTML 4Page - Linear Technology LTM4630 Datasheet HTML 5Page - Linear Technology LTM4630 Datasheet HTML 6Page - Linear Technology LTM4630 Datasheet HTML 7Page - Linear Technology LTM4630 Datasheet HTML 8Page - Linear Technology LTM4630 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTM4634
1
4634f
For more information www.linear.com/LTM4634
Typical applicaTion
FeaTures
DescripTion
Triple Output 5A/5A/4A
Step-Down DC/DC
µModule® Regulator
The LTM®4634 integrates three complete 5A/5A/4A high
efficiencyswitchingmodeDC/DCconvertersintoonesmall
package.Switchingcontrollers,powerFETs,inductors,and
mostsupportcomponentsareincluded.Operatingoveran
input voltage range of 4.75V to 28V, the LTM4634 provides
three independent output voltages. VOUT1 and VOUT2 are
adjustable from 0.8V to 5.5V, while VOUT3 is adjustable
from 0.8V to 13.5V. Each output voltage is set by a single
external resistor.
High switching frequency and a current mode architecture
enable a very fast transient response to line and load
changes without sacrificing stability. The device supports
frequency synchronization, multiphase parallel opera-
tion, soft-start and output voltage tracking for supply rail
sequencing.
Fault protection features include overvoltage protection,
overcurrent protection and temperature monitoring. The
power module is offered in a space saving, thermally
enhanced 15mm
× 15mm × 5.01mm BGA package. The
LTM4634 is available with SnPb (BGA) or RoHS compliant
terminal finish.
24V Input to 3.3V, 5V and 12V Output Regulator
24V Input Efficiency
applicaTions
n
Three Independent High Efficiency Regulator
Channels
n
IOUT1,2 = 5A, IOUT3 = 4A
n
Input Voltage Range: 4.75V to 28V
n
Independent VIN for Each Channel
n
VOUT1,2 Voltage Range: 0.8V to 5.5V
n
VOUT3 Voltage Range: 0.8V to 13.5V
n
±1.5% Maximum Total DC Output Error
n
Current Mode Control/Fast Transient Response
n
Frequency Synchronization
n
Output Overvoltage and Overcurrent Protection
n
PolyPhase® Operation with Current Sharing
n
General Purpose Temperature Monitors
n
Soft-Start/Voltage Tracking
n
Power Good Monitors
n
SnPb or RoHS Compliant Finish
n
15mm
× 15mm × 5.01mm BGA Package
n
Telecom, Networking and Industrial Equipment
n
High Density Point of Load Voltage Regulation
L
, LT, LTC, LTM, µModule, PolyPhase, Burst Mode, Linear Technology and the Linear logo
are registered trademarks and PowerPath, LTpowerCAD and UltraFast are trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 5481178, 5705919, 5929620, 6100678, 6144194,
6177787, 6304066, 6580258 and 8163643. Other patents pending.
19.1k
3.3V
11.5k
5V
4.32k
12V
10k
40k
2
1µF
10k
4.7µF
6.3V
CNTL_PWR
RUN1
RUN2
RUN3
TK/SS1
TK/SS2
TK/SS3
PGOOD12
PGOOD3
VOUT1
VFB1
VOUT2
VFB2
VOUT3
VFB3
4634 TA01a
GND
MODE/PLLIN
SGND
VIN1
24VIN
VIN2 VIN3
LTM4634
INTVCC
EXTVCC
5V
FREQ/PLLLPF
LOAD CURRENT (A)
0
80
85
90
4.5
4.0
4634 TA01b
75
70
60
1.0
2.0
3.0
0.5
5.0
1.5
2.5
3.5
65
100
95
24V to 3.3V EFF (750kHz) CH1
24V to 5V EFF (750kHz) CH2
24V to 12V EFF (750kHz) CH3
VEXTVCC = 5V


Similar Part No. - LTM4630

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4630 LINER-LTM4630 Datasheet
643Kb / 34P
Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4630 LINER-LTM4630 Datasheet
1Mb / 28P
Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
LTM4630 LINER-LTM4630 Datasheet
519Kb / 32P
Triple 10A Step-DownDC/DC 關Module Regulator
LTM4630 LINER-LTM4630 Datasheet
1Mb / 36P
40A DC/DC 關Module Regulator
LTM4630 LINER-LTM4630 Datasheet
695Kb / 34P
25A DC/DC Step-Down 關Module Regulator
More results

Similar Description - LTM4630

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4455 ACTIVE-SEMI-ACT4455 Datasheet
674Kb / 15P
36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
ACT4455 ACTIVE-SEMI-ACT4455_14 Datasheet
673Kb / 16P
36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
logo
Linear Technology
LTM4625 LINER-LTM4625_15 Datasheet
455Kb / 24P
20VIN, 5A Step-Down DC/DC Module Regulator
LTM4634 LINER-LTM4634_15 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC Module Regulator
logo
Global Mixed-mode Techn...
G5676 GMT-G5676 Datasheet
39Kb / 1P
5A Synchronous Step-Down DC/DC
G5675 GMT-G5675 Datasheet
48Kb / 1P
5A Synchronous Step-Down DC/DC
logo
Linear Technology
LTM4625 LINER-LTM4625 Datasheet
1Mb / 26P
20VIN, 5A Step-Down DC/DC 關Module Regulator
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
14VIN, 4A Step-Down DC/DC 關Module Regulator
LTM4622 LINER-LTM4622 Datasheet
451Kb / 28P
Dual Ultrathin 2.5A or Single 5A Step-Down DC/DC 關Module Regulator
logo
Analog Devices
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com