Electronic Components Datasheet Search
  English  ▼

X  

LTM4637 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM4637
Description  Low VIN 20A DC/DC 關Module Step-Down Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4637 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM4637 Datasheet HTML 18Page - Linear Technology LTM4637 Datasheet HTML 19Page - Linear Technology LTM4637 Datasheet HTML 20Page - Linear Technology LTM4637 Datasheet HTML 21Page - Linear Technology LTM4637 Datasheet HTML 22Page - Linear Technology LTM4637 Datasheet HTML 23Page - Linear Technology LTM4637 Datasheet HTML 24Page - Linear Technology LTM4637 Datasheet HTML 25Page - Linear Technology LTM4637 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTM4639
22
4639f
For more information www.linear.com/LTM4639
Table 2. 1V Output
DERATING
CURVE
VIN
POWER LOSS
CURVE
AIRFLOW
(LFM)
HEAT SINK
θJA (°C/W)
Figures 11, 13
5V, 7V
Figure 8
0
None
10
Figures 11, 13
5V, 7V
Figure 8
200
None
8
Figures 11, 13
5V, 7V
Figure 8
400
None
7
Figures 12, 14
5V, 7V
Figure 8
0
BGA Heat Sink
9
Figures 12, 14
5V, 7V
Figure 8
200
BGA Heat Sink
6.5
Figures 12, 14
5V, 7V
Figure 8
400
BGA Heat Sink
5.5
Table 3. 2.5V Output
DERATING
CURVE
VIN
POWER LOSS
CURVE
AIRFLOW
(LFM)
HEAT SINK
θJA (°C/W)
Figures 15, 17
5V, 7V
Figure 9
0
None
12
Figures 15, 17
5V, 7V
Figure 9
200
None
11
Figures 15, 17
5V, 7V
Figure 9
400
None
10
Figures 16, 18
5V, 7V
Figure 9
0
BGA Heat Sink
10.5
Figures 16, 18
5V, 7V
Figure 9
200
BGA Heat Sink
9.5
Figures 16, 18
5V, 7V
Figure 9
400
BGA Heat Sink
8
Table 4. 5V Output (5V Output Connected to EXTVCC Pin)
DERATING
CURVE
VIN
POWER LOSS
CURVE
AIRFLOW
(LFM)
HEAT SINK
θJA (°C/W)
Figures 19
7V
Figure 10
0
None
12
Figures 19
7V
Figure 10
200
None
11
Figures 19
7V
Figure 10
400
None
10
Figures 20
7V
Figure 10
0
BGA Heat Sink
10.5
Figures 20
7V
Figure 10
200
BGA Heat Sink
8
Figures 20
7V
Figure 10
400
BGA Heat Sink
7
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com