Electronic Components Datasheet Search
  English  ▼

X  

LTC6902 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC6902
Description  Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6902 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC6902 Datasheet HTML 11Page - Linear Technology LTC6902 Datasheet HTML 12Page - Linear Technology LTC6902 Datasheet HTML 13Page - Linear Technology LTC6902 Datasheet HTML 14Page - Linear Technology LTC6902 Datasheet HTML 15Page - Linear Technology LTC6902 Datasheet HTML 16Page - Linear Technology LTC6902 Datasheet HTML 17Page - Linear Technology LTC6902 Datasheet HTML 18Page - Linear Technology LTC6902 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTM4632
15
4632fc
For more information www.linear.com/LTM4632
APPLICATIONS INFORMATION
Power Good
The PGOOD pins are open drain pins that can be used to
monitor valid output voltage regulation. This pin monitors
a ±8% window around the regulation point. A resistor can
be pulled up to a particular supply voltage for monitoring.
To prevent unwanted PGOOD glitches during transients
or dynamic VOUT changes, the LTM4632’s PGOOD falling
edge includes a blanking delay of approximately 40μs.
Stability Compensation
The LTM4632 module internal compensation loop is
de-signed and optimized for low ESR ceramic output
capacitors only application. Table 5 is provided for most
application requirements. The LTpowerCAD Design Tool is
available to download for control loop analysis for further
optimization.
RUN Enable
Pulling the RUN pin to ground forces the LTM4632 into
its shutdown state, turning off both power MOSFETs and
most of its internal control circuitry. Tying the RUN pin
voltage above 1.28V will turn on the entire chip.
Low Input Application
The LTM4632 is capable to run from 3.3V input when
the VIN pin is tied to INTVCC pin. See Figure 21 for the
application circuit. Please note the INTVCC pin has 3.6V
ABS max voltage rating.
Pre-Biased Output Start-Up (Channel 1)
There may be situations that require the power supply to
start up with a pre-bias on the output capacitors. In this
case, it is desirable to start up without discharging that
output pre-bias. The LTM4632 channel 1 can safely power
up into a pre-biased output without discharging it.
The LTM4632 accomplishes this by forcing discontinuous
mode (DCM) operation until the TRACK/SS1 pin voltage
reaches 80% of the 0.6V reference voltage for channel 1.
This will prevent the BG from turning on during the pre-
biased output start-up which would discharge the out-
put. Do not pre-bias LTM4632 with a voltage higher than
INTVCC (3.3V) voltage.
Overtemperature Protection
The internal overtemperature protection monitors the
junction temperature of the module. If the junction
temperature reaches approximately 170°C, both power
switches will be turned off until the temperature drops
about 10°C cooler.
Input Overvoltage Protection
In order to protect the internal power MOSFET devices
against transient voltage spikes, the LTM4632 constantly
monitors each VIN pin for an overvoltage condition. When
VIN rises above 17.5V, the regulator suspends operation
by shutting off both power MOSFETs on the correspond-
ing channel. Once VIN drops below 16.5V, the regulator
immediately resumes normal operation. The regulator
executes its soft-start function when exiting an overvolt-
age condition.
Thermal Considerations and Output Current Derating
The thermal resistances reported in the Pin Configuration
section of the data sheet are consistent with those param-
eters defined by JESD51-9 and are intended for use with
finite element analysis (FEA) software modeling tools that
leverage the outcome of thermal modeling, simulation,
and correlation to hardware evaluation per-formed on a
µModule package mounted to a hardware test board—
also defined by JESD51-9 (“Test Boards for Area Array
Surface Mount Package Thermal Measurements”). The
motivation for providing these thermal coefficients in
found in JESD51-12 (“Guidelines for Reporting and Using
Electronic Package Thermal Information”).
Many designers may opt to use laboratory equipment and
a test vehicle such as the demo board to anticipate the
µModule regulator’s thermal performance in their appli-
cation at various electrical and environmental operating
conditions to compliment any FEA activities. Without
FEA software, the thermal resistances reported in the
Pin Configuration section are in-and-of themselves not
relevant to providing guidance of thermal performance;
instead, the derating curves provided in the data sheet can
be used in a manner that yields insight and guidance per-
taining to one’s application-usage, and can be adapted to
correlate thermal performance to one’s own application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com