Electronic Components Datasheet Search
  English  ▼

X  

LTM4623 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM4623
Description  Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4623 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM4623 Datasheet HTML 18Page - Linear Technology LTM4623 Datasheet HTML 19Page - Linear Technology LTM4623 Datasheet HTML 20Page - Linear Technology LTM4623 Datasheet HTML 21Page - Linear Technology LTM4623 Datasheet HTML 22Page - Linear Technology LTM4623 Datasheet HTML 23Page - Linear Technology LTM4623 Datasheet HTML 24Page - Linear Technology LTM4623 Datasheet HTML 25Page - Linear Technology LTM4623 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTM4643
22
4643fb
For more information www.linear.com/LTM4643
APPLICATIONS INFORMATION
Table 3. 1.0V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
ΘJA (°C/W)
Figures 14,15
5, 12
Figure 8
0
None
14.5
Figures 14, 15
5, 12
Figure 8
200
None
12
Figures 14, 15
5, 12
Figure 8
400
None
11
Figures 16, 17
5, 12
Figure 8
0
BGA Heat Sink
13.5
Figures 16, 17
5, 12
Figure 8
200
BGA Heat Sink
10
Figures 16, 17
5, 12
Figure 8
400
BGA Heat Sink
9
Table 4. 1.5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
ΘJA (°C/W)
Figures 18, 19
5, 12
Figure 10
0
None
14.5
Figures 18, 19
5, 12
Figure 10
200
None
12
Figures 18, 19
5, 12
Figure 10
400
None
11
Figures 20, 21
5, 12
Figure 10
0
BGA Heat Sink
13.5
Figures 20, 21
5, 12
Figure 10
200
BGA Heat Sink
10
Figures 20, 21
5, 12
Figure 10
400
BGA Heat Sink
9
Table 5. 3.3V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
ΘJA (°C/W)
Figures 22, 23
5, 12
Figure 13
0
None
14.5
Figures 22, 23
5, 12
Figure 13
200
None
12
Figures 22, 23
5, 12
Figure 13
400
None
11
Figures 24, 25
5, 12
Figure 13
0
BGA Heat Sink
13.5
Figures 24, 25
5, 12
Figure 13
200
BGA Heat Sink
10
Figures 24, 25
5, 12
Figure 13
400
BGA Heat Sink
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com