Electronic Components Datasheet Search
  English  ▼

X  

LTM4644EY Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4644EY
Description  Quad 4A Output Step-Down 關Module Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644EY Datasheet(HTML) 1 Page - Linear Technology

  LTM4644EY Datasheet HTML 1Page - Linear Technology LTM4644EY Datasheet HTML 2Page - Linear Technology LTM4644EY Datasheet HTML 3Page - Linear Technology LTM4644EY Datasheet HTML 4Page - Linear Technology LTM4644EY Datasheet HTML 5Page - Linear Technology LTM4644EY Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
dc1900af
DEMO MANUAL DC1900A
Description
LTM4644EY
Quad 4A Output Step-Down
µModule Regulator
Demonstration circuit 1900A features the LTM®4644EY
µModule® regulator, a high-performance high-efficiency
quad output step-down regulator. The LTM4644EY has an
operating input voltage range of 4V to 14V and is able to
provide up to 4A of output current from each of its phases.
Each output’s voltage is programmable from 0.6V to 5.5V.
The LTM4644EY is a DC/DC point of load regulator in a
9mm × 15mm × 5.01mm BGA package requiring only a
L
, LT, LTC, LTM, Linear Technology, the Linear logo and µModule are registered trademarks of
Linear Technology Corporation. All other trademarks are the property of their respective owners.
performance summary
BoarD photo
few input and output capacitors. Output voltage tracking
is available through the TRACK/SS pin for supply rail se-
quencing. External clock synchronization is also available
through the CLKIN pin. The LTM4644 data sheet must be
readinconjunctionwiththisdemomanualpriortoworking
on or modifying demo circuit 1900A.
Design files for this circuit board are available at
http://www.linear.com/demo/DC1900A
Specifications are at TA = 25°C
PARAMETER
CONDITIONS
VALUE
Input Voltage Range
4V to 14V
Output Voltage VOUT
Jumper Selectable
VOUT1 = 3.3VDC, VOUT2 = 2.5VDC,
VOUT3 = 1.5VDC, VOUT4 = 1.2VDC
Maximum Continuous Load Current per Output
De-rating is necessary for certain operating conditions.
See data sheet for details
4ADC
Default Operating Frequency
1MHz
Efficiency
VIN = 12V, VOUT1 = 3.3V, IOUT = 4A
89% See Figure 2


Similar Part No. - LTM4644EY

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4644EY#PBF LINER-LTM4644EY#PBF Datasheet
977Kb / 36P
Quad DC/DC 關Module Regulator with Configurable 4A Output Array
LTM4644EY-1#PBF LINER-LTM4644EY-1#PBF Datasheet
977Kb / 36P
Quad DC/DC 關Module Regulator with Configurable 4A Output Array
More results

Similar Description - LTM4644EY

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
14VIN, 4A Step-Down DC/DC Module Regulator
LTM4634 LINER-LTM4634_15 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC Module Regulator
logo
Semtech Corporation
SC186 SEMTECH-SC186 Datasheet
1Mb / 18P
4A Synchronous Step-Down Regulator
logo
Linear Technology
LTM4624EY LINER-LTM4624EY Datasheet
464Kb / 6P
4A Step-Down 關Module Regulator
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
14VIN, 4A Step-Down DC/DC 關Module Regulator
LTM4634 LINER-LTM4634 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
LTM4644 LINER-LTM4644 Datasheet
977Kb / 36P
Quad DC/DC 關Module Regulator with Configurable 4A Output Array
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
LTM4661 LINER-LTM4661 Datasheet
646Kb / 20P
15V, 4A Step-Up 關Module Regulator
logo
Microsemi Corporation
LX7180A MICROSEMI-LX7180A Datasheet
581Kb / 25P
4A Step-Down Regulator
June 2015 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com