Electronic Components Datasheet Search
  English  ▼

X  

LTM4637 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4637
Description  25A DC/DC Step-Down 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4637 Datasheet(HTML) 4 Page - Linear Technology

  LTM4637 Datasheet HTML 1Page - Linear Technology LTM4637 Datasheet HTML 2Page - Linear Technology LTM4637 Datasheet HTML 3Page - Linear Technology LTM4637 Datasheet HTML 4Page - Linear Technology LTM4637 Datasheet HTML 5Page - Linear Technology LTM4637 Datasheet HTML 6Page - Linear Technology LTM4637 Datasheet HTML 7Page - Linear Technology LTM4637 Datasheet HTML 8Page - Linear Technology LTM4637 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LTM4645
4
4645f
For more information www.linear.com/LTM4645
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified internal
operating temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 12V, per the typical application.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PGOOD
RPGOOD
PGOOD Pull-Down Resistance
90
200
Ω
VPGOOD
PGOOD Trip Level
VFB With Respect to Set Output
VFB Ramping Negative
VFB Ramping Positive
–7.5
7.5
%
%
VPGL
PGOOD Voltage Low
IPGOOD = 2mA
0.1
0.3
V
INTVCC Linear Regulator
VINTVCC
Internal VCC Voltage
VIN ≥ 12V
5.3
5.5
5.7
V
VINTVCC Load Reg INTVCC Load Regulation
ICC = 0mA to 10mA
0.5
%
Oscillator and Phase-Locked Loop
fSYNC
SYNC Capture Range
300
1000
kHz
fSW
Switching Frequency
RFREQ = 47.5kΩ
540
600
660
kHz
IFREQ
FREQ Pin Current
VFREQ = 0.8V
20
µA
RMODE_PLLIN
Mode_PLLIN Input Resistance
250
kΩ
VIH_MODE_PLLIN
Clock Input Level High
2.0
V
VIL_MODE_PLLIN
Clock Input Level Low
1.2
V
θCLKOUT
CLKOUT to SW Phase Delay
VPHSMD = 0V
VPHSMD = 1/4 INTVCC
VPHSMD = Float
VPHSMD = 3/4 INTVCC
VPHSMD = INTVCC
90
90
120
60
180
Deg
Deg
Deg
Deg
Deg
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4645 is tested under pulsed load conditions such that
TJ ≈ TA. The LTM4645E is guaranteed to meet performance specifications
over the 0°C to 125°C internal operating temperature range. Specifications
over the full –40°C to 125°C internal operating temperature range are
assured by design, characterization and correlation with statistical process
controls. The LTM4645I is guaranteed to meet specifications over the
full –40°C to 125°C internal operating temperature range. Note that the
maximum ambient temperature consistent with these specifications is
determined by specific operating conditions in conjunction with board
layout, the rated package thermal resistance and other environmental
factors.
Note 3: The minimum on-time condition is specified for a peak-to-peak
inductor ripple current of ~40% of IMAX Load. (See the Applications
Information section)
Note 4: See output current derating curves for different VIN, VOUT and TA.
Note 5: Limit current into the RUN pin to less than 2mA.
Note 6: Guaranteed by design.
Note 7: 100% tested at wafer level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com