Electronic Components Datasheet Search
  English  ▼

X  

LTM4618 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4618
Description  Quad DC/DC 關Module Regulator with Configurable 4A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4618 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4618 Datasheet HTML 16Page - Linear Technology LTM4618 Datasheet HTML 17Page - Linear Technology LTM4618 Datasheet HTML 18Page - Linear Technology LTM4618 Datasheet HTML 19Page - Linear Technology LTM4618 Datasheet HTML 20Page - Linear Technology LTM4618 Datasheet HTML 21Page - Linear Technology LTM4618 Datasheet HTML 22Page - Linear Technology LTM4618 Datasheet HTML 23Page - Linear Technology LTM4618 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
LTM4644/LTM4644-1
20
4644fe
For more information www.linear.com/LTM4644
Figure 9. Power Loss at 1.0V
Output, (Each Channel, 25°C)
Figure 10. Power Loss at 1.2V
Output, (Each Channel, 25°C)
Figure 11. Power Loss at 1.5V
Output, (Each Channel, 25°C)
APPLICATIONS INFORMATION
Figure 12. Power Loss at 1.8V
Output, (Each Channel, 25°C)
Figure 13. Power Loss at 2.5V
Output, (Each Channel, 25°C)
Figure 14.Power Loss at 3.3V
Output, (Each Channel, 25°C)
LOAD CURRENT (A)
0
0.1
0
0.6
1.5
1
4641 F09
0.3
0.2
0.5
0.4
0.7
1.2
0.9
0.8
1.1
1.4
1.3
1.0
4
2
3
0.5
3.5
1.5
2.5
12VIN
5VIN
LOAD CURRENT (A)
0
0.1
0
0.6
1.5
1
4641 F10
0.3
0.2
0.5
0.4
0.7
1.2
0.9
0.8
1.1
1.4
1.3
1.0
4
2
3
0.5
3.5
1.5
2.5
12VIN
5VIN
LOAD CURRENT (A)
0
0.1
0
0.6
1.5
1
4641 F11
0.3
0.2
0.5
0.4
0.7
1.2
0.9
0.8
1.1
1.4
1.3
1.0
4
2
3
0.5
3.5
1.5
2.5
12VIN
5VIN
LOAD CURRENT (A)
0
0.1
0
0.6
1.5
1
4641 F12
0.3
0.2
0.5
0.4
0.7
1.2
0.9
0.8
1.1
1.4
1.3
1.0
4
2
3
0.5
3.5
1.5
2.5
12VIN
5VIN
LOAD CURRENT (A)
0
0
0.6
1.6
1
4641 F13
0.2
0.4
1.2
0.8
1.4
1.0
4
2
3
0.5
3.5
1.5
2.5
12VIN
5VIN
LOAD CURRENT (A)
0
0
0.6
1.8
1.6
1
4641 F14
0.2
0.4
1.2
0.8
1.4
1.0
4
2
3
0.5
3.5
1.5
2.5
12VIN
5VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com