Electronic Components Datasheet Search
  English  ▼

X  

LTM4628 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4628
Description  Quad DC/DC 關Module Regulator with Configurable 4A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4628 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4628 Datasheet HTML 3Page - Linear Technology LTM4628 Datasheet HTML 4Page - Linear Technology LTM4628 Datasheet HTML 5Page - Linear Technology LTM4628 Datasheet HTML 6Page - Linear Technology LTM4628 Datasheet HTML 7Page - Linear Technology LTM4628 Datasheet HTML 8Page - Linear Technology LTM4628 Datasheet HTML 9Page - Linear Technology LTM4628 Datasheet HTML 10Page - Linear Technology LTM4628 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LTM4644/LTM4644-1
7
4644fe
For more information www.linear.com/LTM4644
PIN FUNCTIONS
COMP1, COMP2, COMP3, COMP4 (B7, E7, H7, L7): Cur-
rent Control Threshold and Error Amplifier Compensation
Point of Each Switching Mode Regulator Channel. The
internal current comparator threshold is proportional to
this voltage. Tie the COMP pins together for parallel opera-
tion. The device is internally compensated.
CLKIN (C7): External Synchronization Input to Phase
Detector of the Module. This pin is internally terminated
to SGND with 20kΩ. The phase-locked loop will force
the channel 1 turn-on signal to be synchronized with the
rising edge of the CLKIN signal. Channel 2, channel 3 and
channel 4 will also be synchronized with the rising edge of
the CLKIN signal with a pre-determined phase shift. See
the Applications Information section for details.
SGND(F7):SignalGroundConnection.SGNDisconnected
to GND internally through single point. Use a separated
SGND ground copper area for the ground of the feedback
resistor and other components connected to signal pins.
A second connection between the PGND plane and SGND
plane is recommended on the backside of the PCB under-
neath the module.
TEMP (F3): Onboard Temperature Diode for Monitoring
the VBE Junction Voltage Change with Temperature. See
the Applications Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com