Electronic Components Datasheet Search
  English  ▼

X  

LTM4648 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4648
Description  Low VIN, 10A Step-Down 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4648 Datasheet(HTML) 5 Page - Linear Technology

  LTM4648 Datasheet HTML 1Page - Linear Technology LTM4648 Datasheet HTML 2Page - Linear Technology LTM4648 Datasheet HTML 3Page - Linear Technology LTM4648 Datasheet HTML 4Page - Linear Technology LTM4648 Datasheet HTML 5Page - Linear Technology LTM4648 Datasheet HTML 6Page - Linear Technology LTM4648 Datasheet HTML 7Page - Linear Technology LTM4648 Datasheet HTML 8Page - Linear Technology LTM4648 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTM4648
5
4648f
For more information www.linear.com/LTM4648
Typical perForMance characTerisTics
CCM, Burst Mode and Pulse-
Skipping Mode Efficiency
(VIN = 3.3V, VOUT = 1.5V)
CCM, Burst Mode and Pulse-
Skipping Mode Efficiency
(VIN = 5V, VOUT = 1.5V)
3.3VIN, 1VOUT Load Transient
5VIN, 1VOUT Load Transient
3.3VIN, 1.5VOUT Load Transient
5VIN, 1.5VOUT Load Transient
2.5VIN Efficiency
3.3VIN Efficiency
5VIN Efficiency
LOAD CURRENT (A)
0
90
95
100
8
4648 G01
85
80
2
4
6
10
75
70
65
VOUT = 1V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
LOAD CURRENT (A)
0
90
95
100
8
4648 G02
85
80
2
4
6
10
75
70
65
VOUT = 1V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
LOAD CURRENT (A)
0
90
95
100
8
4648 G03
85
80
2
4
6
10
75
70
65
VOUT = 1V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
LOAD CURRENT (A)
0.01
40
50
60
70
80
0.1
1
10
4648 G04
30
20
10
0
90
100
CCM
Burst Mode OPERATION
PULSE SKIPPING
LOAD CURRENT (A)
0.01
40
50
60
70
80
0.1
1
10
4648 G05
30
20
10
0
90
100
CCM
Burst Mode OPERATION
PULSE SKIPPING
VOUT
100mV/DIV
AC-COUPLED
IOUT
5A/DIV
AC-COUPLED
20µs/DIV
3.3VIN, 1VOUT, 5A TO 10A LOAD STEP, 5A/µs
COUT = 1 • 22µF, 6.3V, 1210 + 2 • 100µF 1210
CERAMIC CAPACITORS
NO CFF CAPACITOR
4648 G06
VOUT
100mV/DIV
AC-COUPLED
IOUT
5A/DIV
AC-COUPLED
20µs/DIV
3.3VIN, 1.5VOUT, 5A TO 10A LOAD STEP, 5A/µs
COUT = 1 • 22µF, 6.3V, 1210 + 2 • 100µF 6.3V
1210 CERAMIC CAPACITORS
NO CFF CAPACITOR
4648 G08
VOUT
100mV/DIV
AC-COUPLED
IOUT
5A/DIV
AC-COUPLED
20µs/DIV
5VIN, 1.5VOUT, 5A TO 10A LOAD STEP, 5A/µs
COUT = 1 • 22µF, 6.3V, 1210 + 2 • 100µF 6.3V
1210 CERAMIC CAPACITORS
NO CFF CAPACITOR
4648 G09
VOUT
100mV/DIV
AC-COUPLED
IOUT
5A/DIV
AC-COUPLED
20µs/DIV
5VIN, 1VOUT, 5A TO 10A LOAD STEP, 5A/µs
COUT = 1 • 22µF, 6.3V, 1210 + 2 • 100µF 6.3V
1210 CERAMIC CAPACITORS
NO CFF CAPACITOR
4648 G07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com