Electronic Components Datasheet Search
  English  ▼

X  

LTM4627 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4627
Description  Low VIN, 10A Step-Down 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4627 Datasheet(HTML) 3 Page - Linear Technology

  LTM4627 Datasheet HTML 1Page - Linear Technology LTM4627 Datasheet HTML 2Page - Linear Technology LTM4627 Datasheet HTML 3Page - Linear Technology LTM4627 Datasheet HTML 4Page - Linear Technology LTM4627 Datasheet HTML 5Page - Linear Technology LTM4627 Datasheet HTML 6Page - Linear Technology LTM4627 Datasheet HTML 7Page - Linear Technology LTM4627 Datasheet HTML 8Page - Linear Technology LTM4627 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTM4648
3
4648f
For more information www.linear.com/LTM4648
elecTrical characTerisTics The
l
denotes the specifications which apply over the full internal
operating temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 5V per typical application.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input DC Voltage
l
2.375
5.5
V
VOUT(RANGE)
Output Voltage Range
l
0.6
5
V
VOUT(DC)
Output Voltage, Total Variation with
Line and Load
CIN = 10µF × 1,COUT = 100µF Ceramic,
100µF POSCAP, RFB = 6.65k, MODE = GND,
VIN = 2.375V to 5.5V, IOUT = 0A to 10A
l
1.477
1.50
1.523
V
Input Specifications
VRUN
RUN Pin On Threshold
VRUN Rising
1.1
1.25
1.4
V
VRUN(HYS)
RUN Pin On Hysteresis
150
mV
IQ(VIN)
Input Supply Bias Current
VIN = 5V, VOUT = 1.5V, Burst Mode Operation
VIN = 5V, VOUT = 1.5V, Pulse-Skipping Mode
VIN = 5V, VOUT = 1.5V, Switching Continuous
Shutdown, RUN = 0, VIN = 5V
5.5
25
100
2.5
mA
mA
mA
mA
IS(VIN)
Input Supply Current
VIN = 5.5V, VOUT = 1.5V, IOUT = 10A
3.3
A
Output Specifications
IOUT(DC)
Output Continuous Current Range
VIN = 5V, VOUT = 1.5V (Note 4)
0
10
A
ΔVOUT(LINE)
VOUT
Line Regulation Accuracy
VOUT = 1.5V, VIN from 2.375V to 5.5V IOUT = 0A
l
0.010
0.04
%/V
ΔVOUT(LOAD)
VOUT
Load Regulation Accuracy
VOUT = 1.5V, IOUT = 0A to 10A, VIN = 5V (Note 4)
l
0.15
0.5
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 100µF Ceramic, 100µF POSCAP,
VIN = 5V, VOUT = 1.5V
15
mV
ΔVOUT(START)
Turn-On Overshoot
COUT = 100µF Ceramic, 100µF POSCAP,
VOUT = 1.5V, IOUT = 0A, VIN = 5V
20
mV
tSTART
Turn-On Time
COUT = 100µF Ceramic, 100µF POSCAP,
No Load, TRACK/SS = 0.01µF, VIN = 5V
5
ms
ΔVOUTLS
Peak Deviation for Dynamic Load
Load: 0% to 50% to 0% of Full Load,
COUT = 100µF Ceramic, 100µF POSCAP,
VIN = 5V, VOUT = 1.5V
60
mV
tSETTLE
Settling Time for Dynamic Load Step
Load: 0% to 50% to 0% of Full Load,
COUT = 100µF Ceramic, 100µF POSCAP,
VIN = 5V, VOUT=1.5V
20
µs
IOUTPK
Output Current Limit
VIN = 5V, VOUT = 1.5V (Note 4)
11
A
Control Specifications
VFB
Voltage at VFB Pin
IOUT = 0A, VOUT = 1.5V
l
0.593
0.60
0.607
V
IFB
Current at VFB Pin
–12
–25
nA
VOVL
Feedback Overvoltage Lockout
l
0.64
0.66
0.68
V
ITRACK/SS
Track Pin Soft-Start Pull-Up Current
TRACK/SS = 0V
1.0
1.2
1.4
µA
tON(MIN)
Minimum On-Time
(Note 3)
90
ns
RFBHI
Resistor Between VOUT_LCL and VFB
Pins
9.90
10
10.10
kΩ
DIFFP, DIFFN CM
RANGE
Common Mode Input Range
VIN = 5V, Run > 1.4V
0
3.6
V
VDIFFOUT(MAX)
Maximum DIFFOUT Voltage
IDIFFOUT = 300µA
INTVCC – 1.4
V
VOS
Input Offset Voltage
VOSNS+ = VDIFFOUT = 1.5V, IDIFFOUT = 100µA
4
mV
AV
Differential Gain
1
V/V
SR
Slew Rate
2
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com