Electronic Components Datasheet Search
  English  ▼

X  

LTM4637 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4637
Description  30A DC/DC Step-Down 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4637 Datasheet(HTML) 5 Page - Linear Technology

  LTM4637 Datasheet HTML 1Page - Linear Technology LTM4637 Datasheet HTML 2Page - Linear Technology LTM4637 Datasheet HTML 3Page - Linear Technology LTM4637 Datasheet HTML 4Page - Linear Technology LTM4637 Datasheet HTML 5Page - Linear Technology LTM4637 Datasheet HTML 6Page - Linear Technology LTM4637 Datasheet HTML 7Page - Linear Technology LTM4637 Datasheet HTML 8Page - Linear Technology LTM4637 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LTM4647
5
4647fb
For more information www.linear.com/LTM4647
TYPICAL PERFORMANCE CHARACTERISTICS
0.8V Output Load Stop Transient
Response
1V Output Load Step Transient
Response
1.2V Output Load Step Transient
Response
1.5V Output Load Step Transient
Response
Efficiency vs Output Current,
VIN = 5V
Efficiency vs Output Current,
VIN = 12V
CCM, Burst Mode and Pulse-
Skipping Mode Efficiency VIN =
12V, VOUT = 1.2V, 500kHz
LOAD CURRENT (A)
0
100
95
85
80
90
75
65
70
20
10
25
4647 G01
30
15
5
0.8VOUT, 400kHz
1VOUT, 500kHz
1.2VOUT, 500kHz
1.5VOUT, 600kHz
1.8VOUT, 700kHz
LOAD CURRENT (A)
0
100
95
85
80
90
75
65
70
20
10
25
4647 G02
30
15
5
0.8VOUT, 400kHz
1VOUT, 500kHz
1.2VOUT, 500kHz
1.5VOUT, 600kHz
1.8VOUT, 700kHz
LOAD CURRENT (A)
4647 G03
100
90
80
70
40
30
20
10
50
60
0
0.1
10
100
1
CCM
Burst Mode OPERATION
PULSE-SKIPPING MODE
4647 G07
VIN = 12V, VOUT = 1.5V, FS = 600kHz
COUT = 6 × 100µF CERAMIC
0A to 7.5A LOAD STEP, 10A/µs
20µs/DIV
VOUT
50mV/DIV
AC-COUPLED
LOAD STEP
10A/DIV
SW
20V/DIV
1.8V Output Load Step Transient
Response
4647 G08
VIN = 12V, VOUT = 1.8V, FS = 700kHz
COUT = 6 × 100µF CERAMIC
0A to 7.5A LOAD STEP, 10A/µs
20µs/DIV
VOUT
50mV/DIV
AC-COUPLED
LOAD STEP
10A/DIV
SW
20V/DIV
4647 G04
VIN = 12V, VOUT = 0.8V, FS = 400kHz
COUT = 6 × 100µF CERAMIC
0A to 7.5A LOAD STEP, 10A/µs
20µs/DIV
VOUT
50mV/DIV
AC-COUPLED
SW
20V/DIV
LOAD STEP
10A/DIV
4647 G05
VIN = 12V, VOUT = 1V, FS = 500kHz
COUT = 6 × 100µF CERAMIC
0A to 7.5A LOAD STEP, 10A/µs
20µs/DIV
VOUT
50mV/DIV
AC-COUPLED
LOAD STEP
10A/DIV
SW
20V/DIV
4647 G06
VIN = 12V, VOUT = 1.2V, FS = 500kHz
COUT = 6 × 100µF CERAMIC
0A to 7.5A LOAD STEP, 10A/µs
20µs/DIV
VOUT
50mV/DIV
AC-COUPLED
LOAD STEP
10A/DIV
SW
20V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com