Electronic Components Datasheet Search
  English  ▼

X  

LTM4608A Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4608A
Description  Quad DC/DC 關Module Regulator with Configurable 4A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4608A Datasheet(HTML) 1 Page - Linear Technology

  LTM4608A Datasheet HTML 1Page - Linear Technology LTM4608A Datasheet HTML 2Page - Linear Technology LTM4608A Datasheet HTML 3Page - Linear Technology LTM4608A Datasheet HTML 4Page - Linear Technology LTM4608A Datasheet HTML 5Page - Linear Technology LTM4608A Datasheet HTML 6Page - Linear Technology LTM4608A Datasheet HTML 7Page - Linear Technology LTM4608A Datasheet HTML 8Page - Linear Technology LTM4608A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTM4644/LTM4644-1
1
4644fe
For more information www.linear.com/LTM4644
n
Quad Output Step-Down µModule® Regulator with 4A
per Output
n
Wide Input Voltage Range: 4V to 14V
n
2.375V to 14V with External Bias
n
0.6V to 5.5V Output Voltage
n
4A DC, 5A Peak Output Current Each Channel
n
Up to 5.5W Power Dissipation (TA = 60°C, 200 LFM,
No Heat Sink)
n
±1.5% Total Output Voltage Regulation
n
Current Mode Control, Fast Transient Response
n
Parallelable for Higher Output Current
n
Output Voltage Tracking
n
Internal Temperature Sensing Diode Output
n
External Frequency Synchronization
n
Overvoltage, Current and Temperature Protection
n
9mm × 15mm × 5.01mm BGA Package
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Quad DC/DC µModule
Regulator with Configurable 4A Output Array
The LTM®4644/LTM4644-1 is a quad DC/DC step-down
µModule (micromodule) regulator with 4A per output.
Outputs can be paralleled in an array for up to 16A capabil-
ity. Included in the package are the switching controllers,
powerFETs,inductorsandsupportcomponents.Operating
over an input voltage range of 4V to 14V or 2.375V to 14V
with an external bias supply, the LTM4644/LTM4644-1
supports an output voltage range of 0.6V to 5.5V. Its
high efficiency design delivers 4A continuous (5A peak)
output current per channel. Only bulk input and output
capacitors are needed.
LTM4644
LTM4644-1
Top Feedback Resistor
from VOUT-to-VFB
(one resistor per channel)
Integrated
60.4k 0.5%
Resistor
External (to be added on
PCB)
Application
General
Applications
To Interface with
PMBus power system
management supervisory
ICs such as the LTC2975
Configurable Output Array*
4A
4A
4A
4A
8A
4A
4A
12A
4A
16A
* Note 4
Click to view associated TechClip Videos.
1.5V Output Efficiency and
Power Loss (Each Channel)
APPLICATIONS
n
Multirail Point of Load Regulation
n
FPGAs, DSPs and ASICs Applications
4V to 14V Input, Quad 0.9V, 1V, 1.2V and 1.5V Output DC/DC µModule Regulator*
All registered trademarks and trademarks are the property of their respective owners.
4644 TA01a
VIN1
SVIN1
RUN1
VIN2
SVIN2
RUN2
VIN3
SVIN3
RUN3
VIN4
SVIN4
RUN4
SGND
LTM4644
CLKIN
22µF
×2
16V
CLKOUT
TEMP
GND
VOUT1
FB1
PGOOD1
VOUT2
FB2
PGOOD2
VOUT3
FB3
PGOOD3
VOUT4
FB4
PGOOD4
47µF
4V
1.5V/4A
4V to 14V
40.2k
47µF
4V
1.2V/4A
60.4k
47µF
4V
1V/4A
90.9k
47µF
4V
0.9V/4A
121k
*TA = 60°C, 200LFM, NO HEAT SINK
LOAD CURRENT (A)
0
55
75
80
85
95
1
4644 TA01b
70
65
60
90
0
0.5
1
2
1.5
4
2
3
VIN = 5V
VIN = 12V


Similar Part No. - LTM4608A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4608A LINER-LTM4608A Datasheet
348Kb / 24P
Low VIN, 8A DC/DC 關Module with Tracking, Margining, and Frequency Synchronization
LTM4608A LINER-LTM4608A Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4608A LINER-LTM4608A Datasheet
525Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4608A LINER-LTM4608A Datasheet
253Kb / 22P
Complete Switch Mode Power Supply
LTM4608A LINER-LTM4608A Datasheet
579Kb / 32P
Low VIN 20A DC/DC 關Module Step-Down Regulator
More results

Similar Description - LTM4608A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4619 LINER-LTM4619 Datasheet
300Kb / 24P
Dual, 26VIN, 4A DC/DC 關Module Regulator
LTM4644 LINER-LTM4644_15 Datasheet
527Kb / 32P
Quad DC/DC Module Regulator with Configurable 4A Output Array
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
14VIN, 4A Step-Down DC/DC 關Module Regulator
LTM4643EV LINER-LTM4643EV Datasheet
954Kb / 8P
Quad DC/DC 關Module Regulator with Configurable 3A Output Array
LTM4643 LINER-LTM4643 Datasheet
567Kb / 32P
Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
LTM4644EY LINER-LTM4644EY Datasheet
436Kb / 6P
Quad 4A Output Step-Down 關Module Regulator
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
LTM4671 AD-LTM4671 Datasheet
1Mb / 36P
Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
01/20-REV.B
logo
Monolithic Power System...
MPM54504 MPS-MPM54504 Datasheet
1Mb / 20P
16V, Quad DC/DC Power Module with 5A Output Array
Rev. 1.0 3/19/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com