Electronic Components Datasheet Search
  English  ▼

X  

LTM4636 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4636
Description  30A DC/DC Step-Down 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4636 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4636 Datasheet HTML 16Page - Linear Technology LTM4636 Datasheet HTML 17Page - Linear Technology LTM4636 Datasheet HTML 18Page - Linear Technology LTM4636 Datasheet HTML 19Page - Linear Technology LTM4636 Datasheet HTML 20Page - Linear Technology LTM4636 Datasheet HTML 21Page - Linear Technology LTM4636 Datasheet HTML 22Page - Linear Technology LTM4636 Datasheet HTML 23Page - Linear Technology LTM4636 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
LTM4647
20
4647fb
For more information www.linear.com/LTM4647
APPLICATIONS INFORMATION
The LTM4647 has been designed to effectively remove
heat from both the top and bottom of the package. The
bottom substrate material has very low thermal resistance
to the printed circuit board. An external heat sink can be
applied to the top of the device for excellent heat sinking
with airflow.
Figures10and11showthethermalimagesoftheLTM4647
with no heat sink and no airflow and 200LFM airflow with
4.7W of internal dissipation.
Safety Considerations
The LTM4647 modules do not provide isolation from VIN
to VOUT. There is no internal fuse. If required, a slow blow
fuse with a rating twice the maximum input current needs
tobeprovidedtoprotecteachunitfromcatastrophicfailure.
The fuse or circuit breaker should be selected to limit the
current to the regulator during overvoltage in case of an
internal top MOSFET fault. If the internal top MOSFET fails,
then turning it off will not resolve the overvoltage, thus
the internal bottom MOSFET will turn on indefinitely trying
to protect the load. Under this fault condition, the input
voltage will source very large currents to ground through
the failed internal top MOSFET and enabled internal bot-
tom MOSFET. This can cause excessive heat and board
damage depending on how much power the input voltage
can deliver to this system. A fuse or circuit breaker can be
used as a secondary fault protector in this situation. The
device does support over current protection. The TEMP+
and TEMP– pins are provided for monitoring internal tem-
perature, and can be used to detect the need for thermal
shutdown that can be done by controlling the HIZB pin.
Output Current Derating
The 1V, 1.5V power loss curves in Figures 12 to 13 can
be used in coordination with the load current derating
curves in Figures 14 to 21 for calculating an approximate
θJA thermal resistance for the LTM4647 with various heat
sinking and airflow conditions. The power loss curves
are taken at room temperature and are increased with a
multiplicativefactoraccordingtothejunctiontemperature,
which is 1.3 for 120°C. The derating curves are plotted
with the output current starting at 30A and the ambient
temperature at ~40°C. The output voltages are 1V and
1.5V. These are chosen to include the lower and higher
outputvoltagerangesforcorrelatingthethermalresistance.
Thermal models are derived from several temperature
measurementsinacontrolledtemperaturechamberalong
withthermalmodelinganalysis.Thejunctiontemperatures
are monitored while ambient temperature is increased
with and without airflow. The power loss increase with
Figure 10. LTM4647 12VIN to 1VOUT at 30A with No Air Flow
and No Heat Sink
4647 F10
Figure 11. LTM4647 12VIN to 1VOUT at 30A with 200LFM
Air Flow and No Heat Sink
4647 F11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com