Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4630
Description  Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 5 Page - Linear Technology

  LTM4630 Datasheet HTML 1Page - Linear Technology LTM4630 Datasheet HTML 2Page - Linear Technology LTM4630 Datasheet HTML 3Page - Linear Technology LTM4630 Datasheet HTML 4Page - Linear Technology LTM4630 Datasheet HTML 5Page - Linear Technology LTM4630 Datasheet HTML 6Page - Linear Technology LTM4630 Datasheet HTML 7Page - Linear Technology LTM4630 Datasheet HTML 8Page - Linear Technology LTM4630 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LTM4650-1
5
46501fc
For more information www.linear.com/LTM4650-1
elecTrical characTerisTics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4650-1 is tested under pulsed load conditions such that
TJ ≈ TA. The LTM4650-1E is guaranteed to meet specifications from
0°C to 125°C internal temperature. Specifications over the –40°C to
125°C internal operating temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTM4650-1I is guaranteed over the full –40°C to 125°C internal operating
temperature range. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
impedance and other environmental factors.
Note 3: Two outputs are tested separately and the same testing condition
is applied to each output.
Note 4: LTM4650-1 device is designed to operate from 400kHz to 750kHz.
Note 5: These parameters are tested at wafer sort.
Note 6: See output current derating curves for different VIN, VOUT and TA.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Amplifier
AV Differential
Amplifier
Gain
1
V/V
RIN
Input Resistance
Measured at DIFFP Input
80
kΩ
VOS
Input Offset Voltage
VDIFFP = VDIFFOUT = 1.2V, IDIFFOUT = 100µA
3
mV
PSRR Differential
Amplifier
Power Supply Rejection Ratio
5V < VIN < 15V
90
dB
ICL
Maximum Output Current
3
mA
VOUT(MAX)
Maximum Output Voltage
IDIFFOUT = 300µA
INTVCC – 1.4
V
GBW
Gain Bandwidth Product
3
MHz
VTEMP
Diode Connected PNP
I = 100µA
0.6
V
TC
Temperature Coefficient
l
–2.2
mV/C
The l denotes the specifications which apply over the specified internal
operating temperature range. Specified as each individual output channel. TA = 25°C (Note 2), VIN = 12V and VRUN1, VRUN2 at 5V
unless otherwise noted. Per the typical application in Figure 24.
Typical perForMance characTerisTics
Efficiency vs Output Current,
VIN = 5V
Efficiency vs Output Current,
VIN = 12V
Dual Phase Single Output Efficiency
vs Output Current, VIN = 12V,
fS = 500kHz
LOAD CURRENT (A)
0
5
10
15
20
25
65
70
75
80
85
90
95
46501 G01
1.5VOUT, 600kHz
1.8VOUT, 600kHz
1.2VOUT, 500kHz
1.0VOUT, 500kHz
0.8VOUT, 400kHz
LOAD CURRENT (A)
0
5
10
15
20
25
65
70
75
80
85
90
95
46501 G02
1.5VOUT, 600kHz
1.8VOUT, 600kHz
1.2VOUT, 500kHz
1.0VOUT, 500kHz
0.8VOUT, 400kHz
LOAD CURRENT (A)
0
65
90
85
80
75
70
95
20
30
40
50
10
46501 G03
1.5VOUT, 600kHz
1.8VOUT, 600kHz
1.2VOUT, 500kHz
1.0VOUT, 500kHz
0.8VOUT, 400kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com