Electronic Components Datasheet Search
  English  ▼

X  

LTM4650 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4650
Description  25A DC/DC Step-Down 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4650 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4650 Datasheet HTML 4Page - Linear Technology LTM4650 Datasheet HTML 5Page - Linear Technology LTM4650 Datasheet HTML 6Page - Linear Technology LTM4650 Datasheet HTML 7Page - Linear Technology LTM4650 Datasheet HTML 8Page - Linear Technology LTM4650 Datasheet HTML 9Page - Linear Technology LTM4650 Datasheet HTML 10Page - Linear Technology LTM4650 Datasheet HTML 11Page - Linear Technology LTM4650 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
LTM4645
8
4645f
For more information www.linear.com/LTM4645
pin FuncTions
VOSNS– (G5): Input to the Remote Sense Amplifier. This
pin connects to the ground remote sense point at the
output load.
VOSNS+ (G6): Input to the Remote Sense Amplifier. In-
ternally, this pin is connected to VFB with a 60.4k 0.5%
precision resistor.
PGOOD (G7): Output Voltage Power Good Indicator.
Open-drain logic output that is pulled to ground when the
output voltage is not within ±7.5% of the regulation point.
COMPa (H6): Current Control Threshold and Error Am-
plifier Compensation Point. The current comparator
threshold increases with this control voltage. Small filter
capacitor (10pF) internal to LTM4645 on this pin provides
good noise rejection in the control loop. Tie to COMPb
pin to use internal compensation in the vast majority of
applications. Whereas, when more specialized applica-
tions require an optimization of control loop response,
connect an R-C compensation network from COMPa to
SGND. Tie COMPa pins together in parallel operation. See
the Applications Information section.
COMPb(H7):InternalLoopCompensationNetworks.Tieto
COMPatoprovideinternalloopcompensationformajority
of applications. Float this pin if internal loop compensation
not used. See COMPa description.
VOUT (J1-J4, K1-K4, L1-L7): Power Output Pins. Apply
outputloadbetweenthesepinsandGNDpins.Recommend
placing output decoupling capacitance directly between
these pins and GND pins. See Table 1.
TEMP+ (F1): Temperature Monitor. An internal diode con-
nected PNP transistor. See the Applications Information
section.
TEMP– (E1):LowSideoftheInternalTemperatureMonitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com