Electronic Components Datasheet Search
  English  ▼

X  

LTM4628 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM4628
Description  Dual 25A or Single 50A DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4628 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM4628 Datasheet HTML 18Page - Linear Technology LTM4628 Datasheet HTML 19Page - Linear Technology LTM4628 Datasheet HTML 20Page - Linear Technology LTM4628 Datasheet HTML 21Page - Linear Technology LTM4628 Datasheet HTML 22Page - Linear Technology LTM4628 Datasheet HTML 23Page - Linear Technology LTM4628 Datasheet HTML 24Page - Linear Technology LTM4628 Datasheet HTML 25Page - Linear Technology LTM4628 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
LTM4650
22
4650fb
For more information www.linear.com/LTM4650
readingsatdifferentinterfacesthatenablethecalculationof
theJEDEC-definedthermalresistancevalues;(3)themodel
and FEA software is used to evaluate the µModule with
heat sink and airflow; (4) having solved for and analyzed
these thermal resistance values and simulated various
operating conditions in the software model, a thorough
laboratory evaluation replicates the simulated conditions
with thermocouples within a controlled-environment
chamberwhileoperatingthedeviceatthesamepowerloss
as that which was simulated. An outcome of this process
and due-diligence yields a set of derating curves provided
in other sections of this data sheet. After these laboratory
test have been performed and correlated to the µModule
model, then the θJB and θBA are summed together to cor-
relate quite well with the µModule model with no airflow or
heat sinking in a properly define chamber. This θJB + θBA
value is shown in the Pin Configuration section and should
accurately equal the θJA value because approximately
100% of power loss flows from the junction through the
board into ambient with no airflow or top mounted heat
sink. Each system has its own thermal characteristics,
therefore thermal analysis must be performed by the user
in a particular system.
APPLICATIONS INFORMATION
The LTM4650 module has been designed to effectively
remove heat from both the top and bottom of the pack-
age. The bottom substrate material has very low thermal
resistance to the printed circuit board. An external heat
sink can be applied to the top of the device for excellent
heat sinking with airflow.
Figure 10 shows a temperature plot of the LTM4650 with
12V input, 1.0V output at 50A without heat sink and a no
airflow condition.
Safety Considerations
The LTM4650 modules do not provide isolation from VIN
to VOUT. There is no internal fuse. If required, a slow blow
fuse with a rating twice the maximum input current needs
to be provided to protect each unit from catastrophic
failure. The device does support over current protection.
A temperature diode is provided for monitoring internal
temperature,andcanbeusedtodetecttheneedforthermal
shutdown that can be done by controlling the RUN pin.
Figure 10. Thermal Image 12V to 1V, 50A with No Air Flow and No Heat Sink (Based on 4-Layer
101mm × 114mm PCB Board Containing 2oz Copper on the Top, Bottom and All Internal Layers)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com