Electronic Components Datasheet Search
  English  ▼

X  

LTM4636 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4636
Description  Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4636 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4636 Datasheet HTML 2Page - Linear Technology LTM4636 Datasheet HTML 3Page - Linear Technology LTM4636 Datasheet HTML 4Page - Linear Technology LTM4636 Datasheet HTML 5Page - Linear Technology LTM4636 Datasheet HTML 6Page - Linear Technology LTM4636 Datasheet HTML 7Page - Linear Technology LTM4636 Datasheet HTML 8Page - Linear Technology LTM4636 Datasheet HTML 9Page - Linear Technology LTM4636 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LTM4650A
6
4650afb
For more information www.linear.com/LTM4650A
TYPICAL PERFORMANCE CHARACTERISTICS
Burst Mode and Pulse-Skip Mode
Efficiency VIN=12V, VOUT = 1.2V,
fS = 300kHz
1V Dual Phase Single Output
Load Transient Response
(Ceramic Cap)
Efficiency vs Output Current,
VIN = 5V
Efficiency vs Output Current,
VIN = 12V
1.2V Dual Phase Single Output
Load Transient Response
(Ceramic Cap)
1.5V Dual Phase Single Output
Load Transient Response
(Ceramic Cap)
1.8V Dual Phase Single Output
Load Transient Response
(Ceramic Cap)
2.5V Dual Phase Single Output
Load Transient Response
(Ceramic Cap)
3.3V Dual Phase Single Output
Load Transient Response
(Ceramic Cap)
LOAD CURRENT (A)
0
65
90
85
80
75
70
100
95
10
15
20
25
5
4650A G01
2.5VOUT, 500kHz
3.3VOUT, 600kHz
1.8VOUT, 500kHz
1.5VOUT, 400kHz
1.2VOUT, 400kHz
1.0VOUT, 300kHz
LOAD CURRENT (A)
0
65
90
85
80
75
70
100
95
10
15
20
25
5
4650A G02
2.5VOUT, 500kHz
3.3VOUT, 600kHz
1.8VOUT, 500kHz
5.0VOUT, 750kHz
1.5VOUT, 400kHz
1.2VOUT, 400kHz
1.0VOUT, 300kHz
LOAD CURRENT (mA)
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
4650A G03
CCM
PULSE-SKIP MODE
Burst Mode OPERATION
VOUT (AC)
50mV/DIV
LOAD STEP
10A/DIV
50µs/DIV
4650A G04
12VIN, 1VOUT, 300kHz,
DUAL PHASE SINGLE OUTPUT
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 16× 100F CERAMIC CAP
CFF = 47pF
VOUT (AC)
50mV/DIV
LOAD STEP
10A/DIV
50µs/DIV
4650A G05
12VIN, 1.2VOUT, 400kHz,
DUAL PHASE SINGLE OUTPUT
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 16× 100F CERAMIC CAP
CFF = 47pF
VOUT (AC)
50mV/DIV
LOAD STEP
10A/DIV
50µs/DIV
4650A G06
12VIN, 1.5VOUT, 400kHz,
DUAL PHASE SINGLE OUTPUT
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 16× 100F CERAMIC CAP
CFF = 47pF
VOUT (AC)
50mV/DIV
LOAD STEP
10A/DIV
50µs/DIV
4650A G07
12VIN, 1.8VOUT, 500kHz,
DUAL PHASE SINGLE OUTPUT
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 16× 100F CERAMIC CAP
CFF = 47pF
VOUT (AC)
50mV/DIV
LOAD STEP
10A/DIV
50µs/DIV
4650A G08
12VIN, 2.5VOUT, 500kHz,
DUAL PHASE SINGLE OUTPUT
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 16× 100F CERAMIC CAP
CFF = 47pF
VOUT (AC)
100mV/DIV
LOAD STEP
10A/DIV
50µs/DIV
4650A G09
12VIN, 3.3VOUT, 600kHz,
DUAL PHASE SINGLE OUTPUT
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 16× 100F CERAMIC CAP
CFF = 47pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com