Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4677
Description  Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 1 Page - Linear Technology

  LTM4677 Datasheet HTML 1Page - Linear Technology LTM4677 Datasheet HTML 2Page - Linear Technology LTM4677 Datasheet HTML 3Page - Linear Technology LTM4677 Datasheet HTML 4Page - Linear Technology LTM4677 Datasheet HTML 5Page - Linear Technology LTM4677 Datasheet HTML 6Page - Linear Technology LTM4677 Datasheet HTML 7Page - Linear Technology LTM4677 Datasheet HTML 8Page - Linear Technology LTM4677 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LTM4650A
1
4650afb
For more information www.linear.com/LTM4650A
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual 25A or Single 50A
DC/DC µModule Regulator
with 1% DC Accuracy
TheLTM®4650Aisadual25Aorsingle50Aoutputswitching
modestep-downDC/DCµModule®(micromodule)regula-
tor with ±1% total DC output error. Included in the package
are the switching controllers, power FETs, inductors and
all supporting components. Operating from an input volt-
age range of 4.5V to 16V, the LTM4650A supports two
outputs with an output voltage range of 0.6V to 5.5V, each
set by a single external resistor. Its high efficiency design
delivers up to 25A continuous current for each output.
Fast internal control loop compensation allows for fast
transient response to minimize output capacitance when
powering FPGAs, ASICs, and processors.
Fault protection features include overvoltage and over-
current protection. The LTM4650A is offered in 16mm
× 16mm × 4.41mm LGA and16mm × 16mm × 5.01mm
BGA packages.
50A, 3.3V Output DC/DC µModule Regulator
APPLICATIONS
n
Dual 25A or Single 50A Output
n
Input Voltage Range: 4.5V to 16V
n
Output Voltage Range: 0.6V to 5.5V
n
±1% Maximum Total DC Output Error Over Line,
Load and Temperature
n
Higher Light Load Efficiency and Wider VOUT Range
Than LTM4650-1
n
Differential Remote Sense Amplifier
n
Current Mode Control/Fast Transient Response
n
Multiphase Parallel Current Sharing Up to 300A
n
Internal Temperature Monitor
n
Pin Compatible with the LTM4620A (Dual 13A,
Single 26A) and LTM4630A (Dual 18A, Single 36A)
n
Adjustable Switching Frequency or Synchronization
n
Overcurrent Foldback Protection
n
Selectable Burst Mode® Operation, Pulse-Skipping
Mode Operation
n
Soft-Start/Voltage Tracking
n
Output Overvoltage Protection
n
16mm × 16mm × 4.41mm LGA and
16mm × 16mm × 5.01mm BGA Packages
n
Telecom and Networking Equipment
n
Storage and ATCA Cards
n
Industrial Equipment
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. Patents, including 5481178, 5705919, 5929620, 6100678, 6144194, 6177787, 6304066
and 6580258. Other patents pending.
3.3VOUT Efficiency vs IOUT
LTM4650 Product Family Selection Table
VIN
RANGE
VOUT
RANGE
IOUT
COMPEN-
SATION
DC VOUT
ACCURACY
LTM4650
4.5V to
15V
0.6V to
1.8V
25A × 2
Internal
1.5%
LTM4650-1B
External
LTM6450-1A
0.8%
LTM4650A
4.5V to
16V
0.6V to
5.5V
Internal
1%
LTM4650A-1
External
4650A TA01a
LTM4650A
VIN
TEMP
RUN1
RUN2
TRACK1
TRACK2
fSET
470µF
6.3V
13.3k
100µF
6.3V
PHASMD
VOUT1
VOUT
3.3V/50A
VOUTS1
VFB1
VFB2
COMP1
COMP2
VOUT2
PGOOD2
MODE_PLLIN
PINS NOT USED IN
THIS CIRCUIT:
CLKOUT
EXTVCC
SW1
SW2
VOUTS2
INTVCC
INTVCC
PGOOD1
PGOOD
10k
SGND
GND
DIFFP
DIFFN
DIFFOUT
470µF
6.3V
100µF
6.3V
120k
0.1µF
22µF
25V
×4
+
+
VIN
4.5V TO 16V
4.7µF
INTVCC
LOAD CURRENT (A)
0
65
90
85
80
75
70
100
95
20
30
40
50
10
4650A TA01b
5VIN, 3.3VOUT, 600kHz
12VIN, 3.3VOUT, 600kHz


Similar Part No. - LTM4677

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4677 LINER-LTM4677 Datasheet
1Mb / 28P
Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
LTM4677 LINER-LTM4677 Datasheet
695Kb / 34P
25A DC/DC Step-Down 關Module Regulator
LTM4677 LINER-LTM4677 Datasheet
1Mb / 34P
30A DC/DC Step-Down 關Module Regulator
LTM4677 LINER-LTM4677 Datasheet
720Kb / 34P
Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4677 LINER-LTM4677 Datasheet
662Kb / 36P
Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
More results

Similar Description - LTM4677

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4628 LINER-LTM4628 Datasheet
704Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4630A LINER-LTM4630A Datasheet
1Mb / 38P
Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4650 LINER-LTM4650 Datasheet
720Kb / 34P
Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650-1 LINER-LTM4650-1 Datasheet
662Kb / 36P
Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
LTM4650A-1 LINER-LTM4650A-1 Datasheet
1Mb / 36P
Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
LTM4650AEY LINER-LTM4650AEY Datasheet
1Mb / 12P
Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650AEY-1 LINER-LTM4650AEY-1 Datasheet
1Mb / 12P
Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650EY LINER-LTM4650EY Datasheet
1Mb / 8P
Dual Phase Single 50A DC/DC 關Module Regulator
logo
Monolithic Power System...
MPM3690-50A MPS-MPM3690-50A Datasheet
1Mb / 28P
16V, Dual 25A or Single 50A DC/DC Power Module
Rev. 1.0 5/24/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com