Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4677
Description  Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 2Page - Linear Technology LTM4677 Datasheet HTML 3Page - Linear Technology LTM4677 Datasheet HTML 4Page - Linear Technology LTM4677 Datasheet HTML 5Page - Linear Technology LTM4677 Datasheet HTML 6Page - Linear Technology LTM4677 Datasheet HTML 7Page - Linear Technology LTM4677 Datasheet HTML 8Page - Linear Technology LTM4677 Datasheet HTML 9Page - Linear Technology LTM4677 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTM4650A-1
6
4650a1f
For more information www.linear.com/LTM4650A-1
TYPICAL PERFORMANCE CHARACTERISTICS
2.5V Dual Phase Single Output
Load Transient Response
(Bulk Output Capacitor)
1.5V Dual Phase Single Output
Load Transient Response
(Bulk Output Capacitor)
1.8V Dual Phase Single Output
Load Transient Response
(Bulk Output Capacitor)
1.2V Dual Phase Single Output
Load Transient Response
(Bulk Output Capacitor)
1V Dual Phase Single Output
Load Transient Response
(Bulk Output Capacitor)
VOUT(AC)
50mV/DIV
LOAD STEP
10A/DIV
100µs/DIV
4650a1 G10
12VIN, 1VOUT, 300kHz,
DUAL PHASE SINGLE OUTPUT
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 4× 220F CERAMIC CAP
+ 2× 470F 2.5V SPCAP
CTHP = 10pF, RTH = 4.65k,
CTH = 4700pF, CFF = 10pF
VOUT(AC)
50mV/DIV
LOAD STEP
10A/DIV
100µs/DIV
4650a1 G11
12VIN, 1.2VOUT, 400kHz,
DUAL PHASE SINGLE OUTPUT
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 4× 220F CERAMIC CAP
+ 2× 470F 2.5V SPCAP
CTHP = 10pF, RTH = 4.65k,
CTH = 4700pF, CFF = 10pF
VOUT(AC)
50mV/DIV
LOAD STEP
10A/DIV
100µs/DIV
4650a1 G12
12VIN, 1.5VOUT, 400kHz,
DUAL PHASE SINGLE OUTPUT
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 4× 220F CERAMIC CAP
+ 2× 470F 2.5V SPCAP
CTHP = 10pF, RTH = 4.65k,
CTH = 4700pF, CFF = 10pF
VOUT(AC)
50mV/DIV
LOAD STEP
10A/DIV
100µs/DIV
4650a1 G13
12VIN, 1.8VOUT, 500kHz,
DUAL PHASE SINGLE OUTPUT
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 4× 220F CERAMIC CAP
+ 2× 470F 2.5V SPCAP
CTHP = 10pF, RTH = 4.65k,
CTH = 4700pF, CFF = 10pF
VOUT(AC)
50mV/DIV
LOAD STEP
10A/DIV
100µs/DIV
4650a1 G14
12VIN, 2.5VOUT, 500kHz,
DUAL PHASE SINGLE OUTPUT
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 4× 220F CERAMIC CAP
+ 2× 470F 2.5V SPCAP
CTHP = 10pF, RTH = 4.65k,
CTH = 4700pF, CFF = 10pF
5V Dual Phase Single Output
Load Transient Response
(Bulk Output Capacitor)
3.3V Dual Phase Single Output
Load Transient Response
(Bulk Output Capacitor)
VOUT(AC)
50mV/DIV
LOAD STEP
10A/DIV
100µs/DIV
4650a1 G15
12VIN, 3.3VOUT, 600kHz,
DUAL PHASE SINGLE OUTPUT
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 4× 220F CERAMIC CAP
+ 2× 470F 6.3V POSCAP
CTHP = 10pF, RTH = 9.09k,
CTH = 4700pF, CFF = NONE
VOUT(AC)
50mV/DIV
LOAD STEP
10A/DIV
100µs/DIV
4650a1 G16
12VIN, 5VOUT, 750kHz,
DUAL PHASE SINGLE OUTPUT
25%, 12.5A LOAD STEP-UP AND
STEP-DOWN, 10A/ s SLEW RATE
COUT = 4× 220F CERAMIC CAP
+ 2× 470F 6.3V POSCAP
CTHP = 10pF, RTH = 9.09k,
CTH = 4700pF, CFF = NONE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com