Electronic Components Datasheet Search
  English  ▼

X  

LTM4651 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4651
Description  EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4651 Datasheet(HTML) 2 Page - Linear Technology

  LTM4651 Datasheet HTML 1Page - Linear Technology LTM4651 Datasheet HTML 2Page - Linear Technology LTM4651 Datasheet HTML 3Page - Linear Technology LTM4651 Datasheet HTML 4Page - Linear Technology LTM4651 Datasheet HTML 5Page - Linear Technology LTM4651 Datasheet HTML 6Page - Linear Technology LTM4651 Datasheet HTML 7Page - Linear Technology LTM4651 Datasheet HTML 8Page - Linear Technology LTM4651 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTM4653
2
Rev 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Terminal Voltages
VIN, VD, SVIN, SW, VOUT, VOSNS, ISETa....–0.3V to 60V
GND, ISETb, EXTVCC ............................ –0.3V to 28V
RUN .................................... GND–0.3V to PGND+60V
INTVCC, PGDFB, VINREG, COMPa, COMPb,
IMONa, IMONb ........................................ –0.3V to 4V
fSET...................................................–0.3V to INTVCC
CLKIN, PGOOD (Relative to GND) ........... –0.3V to 6V
Terminal Currents
INTVCC Peak Output Current (Note 8)................30mA
TEMP+..................................................–1mA to 10mA
TEMP– .................................................–10mA to 1mA
Temperatures
Internal Operating Temperature Range
(Note 2) ............................................. –40°C to 125°C
Storage Temperature Range .............. –55°C to 125°C
Peak Solder Reflow Package
Body Temperature ............................................ 245°C
(Note 1) (All Voltages Relative to VOUT– Unless Otherwise Indicated)
1
A
B
C
D
E
F
G
H
J
K
L
2
3
4
TOP VIEW
BGA PACKAGE
77-PIN (15mm × 9mm × 5.01mm)
5
6
7
VIN
VD
VOUT
TEMP–
NC
NC
IMONa
NC
SW
GND
SVIN
VINREG
SGND
fSET
RUN
PGOOD PGDFB
CLKIN
PGND
PGND
SGND
VOSNS
EXTVCC
INTVCC
COMPb COMPa
ISETb ISETa
TEMP+
TEMP–
TEMP+
IMONb
TJMAX = 125°C
θJCtop = 20.6°C/W, θJCbottom = 5.1°C/W, θJB = 6.0°C/W, θJA = 15.5°C/W
θ VALUES DETERMINED PER JESD51-12
WEIGHT = 1.8 GRAMS
ORDER INFORMATION
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM4653EY#PBF
SAC305 (RoHS)
LTM4653Y
e1
BGA
3
–40°C to 125°C
LTM4653IY#PBF
SAC305 (RoHS)
e1
–40°C to 125°C
LTM4653IY
SnPb (63/37)
e0
–40°C to 125°C
• Device temperature grade is indicated by a label on the shipping container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• This product is not recommended for second side reflow. For more
information, go to www.linear.com/BGA-assy
• Recommended BGA PCB Assembly and Manufacturing Procedures:
www.linear.com/BGA-assy
• BGA Package and Tray Drawings: www.linear.com/packaging
• This product is moisture sensitive. For more information, go to:
www.linear.com/BGA-assy
http://www.linear.com/product/LTM4653#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com