Electronic Components Datasheet Search
  English  ▼

X  

LTM8073 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM8073
Description  EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8073 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM8073 Datasheet HTML 17Page - Linear Technology LTM8073 Datasheet HTML 18Page - Linear Technology LTM8073 Datasheet HTML 19Page - Linear Technology LTM8073 Datasheet HTML 20Page - Linear Technology LTM8073 Datasheet HTML 21Page - Linear Technology LTM8073 Datasheet HTML 22Page - Linear Technology LTM8073 Datasheet HTML 23Page - Linear Technology LTM8073 Datasheet HTML 24Page - Linear Technology LTM8073 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTM4653
21
Rev 0
For more information www.analog.com
curves provided in later sections of this data sheet, along
withwell-correlatedJESD51-12-definedθvaluesprovided
in the Pin Configuration section of this data sheet.
The1V,5V,and15Vand24VpowerlosscurvesinFigures 8,
9 and 10 respectively can be used in coordination with
the load current derating curves in Figures 11 to 28 for
calculating an approximate θJA thermal resistance for the
LTM4653withvariousheatsinkingandairflowconditions.
These thermal resistances represent demonstrated
performance of the LTM4653 on DC2327A hardware; a
4-layerFR4PCBmeasuring99mm×133mm×1.6mmusing
outerandinnercopperweightsof2ozand1oz,respectively.
The power loss curves are taken at room temperature,
and are increased with multiplicative factors with ambient
temperature.TheseapproximatefactorsarelistedinTable 1.
(Compute the factor by interpolation, for intermediate
temperatures.) The derating curves are plotted with the
LTM4653’s output initially sourcing 4A and the ambient
temperature at 20°C. The output voltages are 1V, 5V,
15V and 24V. These are chosen to include the lower and
higher output voltage ranges for correlating the thermal
resistance. In all derating curves, the switching frequency
of operation follows guidance provided by Table  7.
Thermal models are derived from several temperature
measurements in a controlled temperature chamber
along with thermal modeling analysis. The junction
temperatures are monitored while ambient temperature is
increased with and without air flow, and with and without
a heat sink attached with thermally conductive adhesive
tape. The power loss increase with ambient temperature
change is factored into the derating curves. The junctions
are maintained at 120°C maximum while lowering output
current or power while increasing ambient temperature.
The decreased output current decreases the internal
module loss as ambient temperature is increased. The
monitored junction temperature of 120°C minus the
ambientoperatingtemperaturespecifieshowmuchmodule
temperaturerisecanbeallowed.AsanexampleinFigure 25,
the load current is derated to 2.5A at 70°C ambient
with 200LFM airflow and no heat sink and the room
temperature (25°C) power loss for this 48VIN to 24VOUT
at 2.5AOUT condition is 3.9W. A 4.5W loss is calculated
by multiplying the 3.9W room temperature loss from the
48VIN to 24VOUT power loss curve at 2.5A (Figure 10),
with the 1.15 multiplying factor at 70°C ambient (from
Table 1). If the 70°C ambient temperature is subtracted
from the 120°C junction temperature, then the difference
of 50°C divided by 4.5W yields a thermal resistance, θJA,
of 11.1°C/W—in good agreement with Table 4. Tables 2,
3 and 4 provide equivalent thermal resistances for 1V, 5V
and 15V and 24V outputs with and without air flow and
heat sinking. The derived thermal resistances in Tables 2,
3 and 4 for the various conditions can be multiplied by the
calculatedpowerlossasafunctionofambienttemperature
to derive temperature rise above ambient, thus maximum
junction temperature. Room temperature power loss
can be derived from the efficiency curves in the Typical
Performance Characteristics section and adjusted with
ambient temperature multiplicative factors from Table 1.
Table 1. Power Loss Multiplicative Factors vs Ambient
Temperature
AMBIENT TEMPERATURE
POWER LOSS MULTIPLICATIVE
FACTOR
Up to 40°C
1.00
50°C
1.05
60°C
1.10
70°C
1.15
80°C
1.20
90°C
1.25
100°C
1.30
110°C
1.35
120°C
1.40
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com