Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 15 Page - Linear Technology

Part # LTM4613
Description  EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology LTM4613 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
LTM4653
15
Rev 0
For more information www.analog.com
OPERATION
approximately –1A, allowing for significant negative aver-
age current. Clocking the CLKIN pin at a frequency within
±40% of the target switching frequency commanded by
the fSET pin synchronizes MT’s turn-on to the rising edge
of the CLKIN pin.
Output Voltage Programming, Tracking and Soft-Start
The LTM4653 regulates its output voltage, VOUT, accord-
ing to the differential voltage present across ISETa and
SGND. In most applications, the output voltage is set by
simply connecting a resistor, RISET, from ISETa to SGND,
according to:
RISET =
VOUT
50µA
Since the LTM4653 control loop servos its output volt-
age according to the voltage between ISETa and SGND:
placing a capacitor, CSS, parallel to RSET configures the
ramp-up rate of ISETa and thus VOUT. In the time domain,
the output voltage ramp-up after the RUN pin is toggled
from low to high (t = 0s) is given by:
VOUT(t)=IISETa •RISET • 1– e
–
t
RISET • CSS
⎛
⎝
⎜
⎜⎜
⎞
⎠
⎟
⎟⎟
The soft-start time, tSS, is defined as the time it takes for
VOUT to ramp from 0V to 90% of its final value:
tSS = –RISET •CSS •In (1– 0.9)
or
tSS = 2.3 • RISET •CSS
A default value of CSS = 1.5nF can be implemented by
connecting ISETa to ISETb. For other ramp-up rates,
connect an external CSS capacitor parallel to RISET. When
starting up into a pre-biased VOUT, the LTM4653 stays in
a sleep mode, keeping MT and MB off until VISETa equals
VOSNS—after which, the DC/DC converter commences
switching action and VOUT is ramped according to the
voltage commanded by ISETa.
Since the LTM4653 control loop servos its VOSNS voltage
to match that of ISETa’s, the LTM4653’s output can be
configured to track any voltage applied to ISETa, refer-
enced to SGND.
Frequency Adjustment
The default switching frequency (fSW) of the LTM4653
is 400kHz. This is suitable for low-VIN (VIN ≤ 5V) ap-
plications and low-VOUT (VOUT≤3.3V) applications. For a
practical design, the LTM4653’s inductor ripple current
(∆IPK-PK) is suggested to be less than ~2APK-PK. Choose
fSW according to:
fSW =
VOUT • 1− D
(
)
L • ∆IPK-PK
where the value of LTM4653’s power inductor, L, is 4μH.
To avoid cycle-skipping, impose restrictions on fSW, to
ensure minimum on time criteria is met:
fSW <
D
TON(MIN)
The LTM4653’s minimum on-time, tON(MIN), is specified
as 60ns. For a practical design, it is recommended to
guardband to 90ns.
ToconfiguretheLTM4653forahigherswitchingfrequency
than its default of 400kHz, apply a resistor, RfSET, between
the fSET pin and SGND. RfSET is given (in MΩ) by:
RfSET(MΩ)=
1
10pF •[fSW(MHz)– 0.4(MHz)]
The relationship of RfSET to programmed fSW is shown
in Figure 1. See Table 7 for recommended fSW and cor-
responding RfSET values for various combinations of VIN
and VOUT.
RfSET NOT USED
RfSET (kΩ)
10
100
1k
10k
0.1
1
10
4653 F01
Figure 1. Relationship Between RfSET and Target fSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com