Electronic Components Datasheet Search
  English  ▼

X  

LTM8045 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM8045
Description  15V, 4A Step-Up 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology LTM8045 Datasheet HTML 10Page - Linear Technology LTM8045 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTM4661
7
4661f
For more information www.linear.com/LTM4661
BLOCK DIAGRAM
FB
INTVCC
SYNC/MODE
SDB
COMP
FREQ
VIN
VOUT
VIN
3.3V
VOUT
5V/2A
4661 BD
2.2µF
2.2µF
4.7µF
2.2µF
22µF
47µF
28k
31.6k
100k
GND
VOUT
INTERNAL
COMP
POWER CONTROL
2.2µH
2.2µH
VIN
OPERATION
The LTM4661 is a dual-phase single-output standalone
non-isolatedstep-upswitchingmodeDC/DCpowersupply.
This module provides a precisely regulated output voltage
programmable via one external resistor from 1.2V to 15V
and provides up to 4A switch current (see Table 1) with
few external input and output ceramic capacitors. It also
offers the unique ability to start up from inputs as low as
1.8V and continue to operate from inputs as low as 0.7V
for output voltages greater than 2.5V. The typical applica-
tion schematic is shown in Figure 17.
The LTM4661 contains an integrated fixed frequency, cur-
rent mode regulator, power MOSFETs, inductor and other
supporting discrete components. The default switching
frequency is 1MHz. For switching noise-sensitive applica-
tions, the switching frequency can be adjusted by external
resistors and the µModule regulator can be externally
synchronized to a clock at least 100ns minimum.
With current mode control and internal feedback loop
compensation, the LTM4661 module has sufficient stabil-
ity margins and good transient performance with a wide
range of output capacitors, even with all ceramic output
capacitors.
Pulling the SDB pin above 1.6V enables module opera-
tion and forcing it below 0.25V shuts the module off with
quiescent current below 1µA. At light load currents, Burst
Modeoperationcanbeenabledtoachievehigherefficiency
comparedtocontinuousmode(CCM)bysettingtheSYNC/
MODEpintoGND.Aninternal10mssoft-startlimitsinrush
current during start-up and simplifies the design process
while minimizing the number of external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com