Electronic Components Datasheet Search
  English  ▼

X  

HT82V737 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT82V737
Description  16-Bit Stereo Audio D/A Converter with Earphone Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V737 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT82V737 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V737 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V737 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V737 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V737 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V737 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V737 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V737 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pin Assignment
Pin Description
Pin No.
Pin Name
I/O
Description
1
WS
I
Word select input
2
DIN
I
Data input
3
DVDD
¾
Digital positive power supply
4
BIAS
¾
Connect a capacitor to ground to increase half-supply stability
5
LCH
O
Left DAC analog output
6
LIN
I
Left inverting output
7
LOUT
O
Left earphone driver analog output
8
AVSS
¾
Analog negative power supply, ground
9
AVDD
¾
Analog positive power supply
10
ROUT
O
Right earphone driver analog output
11
RIN
I
Right inverting input
12
RCH
O
Right DAC analog output
13
NC
¾
No connection
14
DVSS
¾
Digital negative power supply, ground
15
PD
I
When low, the HT82V737 is powered down
16
BCK
I
Bit serial clock input
Absolute Maximum Ratings
Supply Voltage ..........................VSS
-0.3V to VSS+5.5V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-20°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT82V737
Rev. 1.00
2
November 26, 2003
W S
D I N
D V D D
B I A S
L C H
L I N
L O U T
A V S S
B C K
P D
D V S S
N C
R C H
R I N
R O U T
A V D D
H T 8 2 V 7 3 7
1 6 N S O P - A
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com