Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 40 Page - Linear Technology

Part # LTM4677
Description  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 40 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 36Page - Linear Technology LTM4677 Datasheet HTML 37Page - Linear Technology LTM4677 Datasheet HTML 38Page - Linear Technology LTM4677 Datasheet HTML 39Page - Linear Technology LTM4677 Datasheet HTML 40Page - Linear Technology LTM4677 Datasheet HTML 41Page - Linear Technology LTM4677 Datasheet HTML 42Page - Linear Technology LTM4677 Datasheet HTML 43Page - Linear Technology LTM4677 Datasheet HTML 44Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 136 page
background image
LTM4676A
40
4676afa
For more information www.linear.com/LTM4676A
pMbus coMManD suMMary
Table 1. Summary of Supported Commands and Feature Differences Between the LTM4676A and the LTM4676 (Items of Greatest
Significance Indicated by Gray-Shaded Cells; Common Commands, Values and Attributes Indicated by Non-Shaded, Merged Cells)
PMBus COMMAND
NAME, OR FEATURE
CMD CODE
(REGISTER)
COMMAND OR FEATURE
DESCRIPTION
LTM4676A NVM FACTORY-DEFAULT
VALUE AND/OR ATTRIBUTES
LTM4676 NVM FACTORY-DEFAULT
VALUE AND/OR ATTRIBUTES
PAGE
PAGE
0x00
Channel or page currently targeted
for paged communications.
No difference: 0x00, read/write, non-paged, not stored in NVM.
86
OPERATIONn
0x01
Operating mode control. On/off,
margin high and margin low.
No difference: 0x80, read/write, paged, stored in user-editable NVM.
90
ON_OFF_CONFIGn
0x02
RUNn pin and On/Off
Configuration.
No difference: 0x1F, read/write, paged, stored in user-editable NVM.
89
CLEAR_FAULTS
0x03
Clear any fault bits that have been
set.
No difference: default value not applicable, send byte only, non-paged, not
stored in NVM.
114
PAGE_PLUS_WRITE
0x05
Write a command directly to a
specified page.
Default value not applicable, write-
only, non-paged, not stored in NVM.
Command not supported.
86
PAGE_PLUS_READ
0x06
Read a command directly from a
specified page.
Default value not applicable, read/
write, non-paged, not stored in
NVM.
Command not supported.
87
WRITE_PROTECT
0x10
Level of protection provided by the
device against accidental changes.
No difference: 0x00, read/write, non-paged, stored in user-editable NVM.
87
STORE_USER_ALL
0x15
Store user operating memory to
EEPROM (user-editable NVM).
No difference: default value not applicable, send byte only, non-paged, not
stored in NVM.
125
RESTORE_USER_
ALL
0x16
Restore user operating memory
from EEPROM.
Default value not applicable, send
byte only, non-paged, not stored in
NVM.
Identical to MFR_RESET command
(0xFD).
Reserved. Execute MFR_RESET
command (0xFD), instead.
126
CAPABILITY
0x19
Summary of PMBus optional
communication protocols
supported by this device.
No difference: 0xB0, read-only, non-paged, not stored in NVM.
113
PMBUS COMMANDS
Table 1 lists supported PMBus commands and
manufacturerspecificcommands.Acompletedescription
of these commands can be found in the “PMBus Power
System Management Protocol Specification – Part  II
– Revision 1.2." Users are encouraged to reference
this specification. Exceptions or manufacturer specific
implementations are listed in Table 1.
All commands from 0xD0 through 0xFF not listed in this
table are implicitly reserved by the manufacturer. Users
should avoid blind writes within this range of commands
to avoid undesired operation of the part. All commands
from0x00through0xCFnotlistedinthistableareimplicitly
not supported by the manufacturer. Attempting to access
non-supported or reserved commands may result in a
CML command fault event. All output voltage settings and
measurements are based on the VOUT_MODE setting of
0x14. This translates to an exponent of 2–12.
IfPMBuscommandsarereceivedfasterthantheyarebeing
processed, the part may become too busy to handle new
commands. In these circumstances the part follows the
protocols defined in the PMBus Specification v1.2, Part
II, Section 10.8.7, to communicate that it is busy.
The part includes handshaking features to eliminate busy
errors and simplify error handling software while ensuring
robust communication and system behavior. Please refer
to the PMBus Communication and Command Processing
subsectionintheApplicationsInformationsectionfordetails.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com