Electronic Components Datasheet Search
  English  ▼

X  

LTM8003 Datasheet(PDF) 26 Page - Linear Technology

Part # LTM8003
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8003 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTM8003 Datasheet HTML 22Page - Linear Technology LTM8003 Datasheet HTML 23Page - Linear Technology LTM8003 Datasheet HTML 24Page - Linear Technology LTM8003 Datasheet HTML 25Page - Linear Technology LTM8003 Datasheet HTML 26Page - Linear Technology LTM8003 Datasheet HTML 27Page - Linear Technology LTM8003 Datasheet HTML 28Page - Linear Technology LTM8003 Datasheet HTML 29Page - Linear Technology LTM8003 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
LTM8003
26
8003fc
For more information www.linear.com/LTM8003
TYPICAL APPLICATIONS
3.3VOUT from 5VIN to 40VIN Step-Down Converter. BIAS Is Tied to VOUT
1.2VOUT from 3.4VIN to 40VIN Step-Down Converter. BIAS Is Tied to an External 3.3V Source
2.5VOUT from 5.5VIN to 15VIN Step-Down Converter. BIAS Is Tied to VIN
4.7µF
100µF
49.9k
850kHz
LTM8003-3.3
VOUT
BIAS
VOUT
3.3V
4A
VIN
VIN
5V TO 40V
GND
RUN
SYNC
RT
8003 TA02
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG
3.3V
4.7µF
100µF
×2
47pF
402k
LTM8003
VOUT
BIAS
VOUT
1.2V
4A
VIN
VIN
3.4V TO 40V
FB
GND
RUN
SYNC
8003 TA03
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG
78.7k
550kHz
RT
4.7µF
100µF
63.4k
LTM8003
VOUT
BIAS
VOUT
2.5V
4A
VIN
VIN
5.5V TO 15V
FB
GND
RUN
SYNC
8003 TA04
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG
56.2k
750kHz
RT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com