Electronic Components Datasheet Search
  English  ▼

X  

LTM8053 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM8053
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8053 Datasheet(HTML) 1 Page - Linear Technology

  LTM8053 Datasheet HTML 1Page - Linear Technology LTM8053 Datasheet HTML 2Page - Linear Technology LTM8053 Datasheet HTML 3Page - Linear Technology LTM8053 Datasheet HTML 4Page - Linear Technology LTM8053 Datasheet HTML 5Page - Linear Technology LTM8053 Datasheet HTML 6Page - Linear Technology LTM8053 Datasheet HTML 7Page - Linear Technology LTM8053 Datasheet HTML 8Page - Linear Technology LTM8053 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LTM8003
1
8003fc
For more information www.linear.com/LTM8003
TYPICAL APPLICATION
FEATURES
DESCRIPTION
40VIN, 3.5A Step-Down
Silent Switcher µModule
Regulator
The LTM®8003 is a 40VIN, 6A peak, 3.5A continuous step-
downSilentSwitcherµModule®(powermodule)regulator.
Includedinthepackagearetheswitchingcontroller,power
switches,inductor,andallsupportcomponents.Operating
over an input voltage range of 3.4V to 40V, the LTM8003
supports an output voltage range of 0.97V to 18V and a
switching frequency range of 200kHz to 3MHz, each set by
a single resistor. Only the input and output filter capacitors
are needed to finish the design.
The low profile package enables utilization of unused
space on the bottom of PC boards for high density point of
load regulation. The LTM8003 is packaged in a thermally
enhanced,compactover-moldedballgridarray(BGA)pack-
age suitable for automated assembly by standard surface
mount equipment. The LTM8003 is RoHS compliant.
All registered trademarks and trademarks are the property of their respective owners.
Efficiency, VOUT = 5V
5VOUT from 7VIN to 40VIN Step-Down Converter
n
Complete Step-Down Switch Mode Power Supply
n
Low Noise Silent Switcher® Architecture
n
Wide Input Voltage Range: 3.4V to 40V
n
Wide Output Voltage Range: 0.97V to 18V
n
Wide Temperature Range: –40°C to 150°C (H-Grade)
n
3.5A Continuous Output Current, 6A peak
n
FMEA Compliant Pinout (LTM8003-3.3)
Output Stays at or Below Regulation Voltage During
Adjacent Pin Short or if a Pin Is Left Floating
n
Selectable Switching Frequency: 200kHz to 3MHz
n
External Synchronization
n
Low Quiescent Current: 25µA (5VOUT)
n
Tiny, Low Profile 6.25mm × 9mm × 3.32mm RoHS
Compliant BGA Package
APPLICATIONS
n
Automotive Battery Regulation
n
Power for Portable Products
n
Distributed Supply Regulation
n
Industrial Supplies
n
Wall Transformer Regulation
4.7µF
47µF
24.3k
41.2k
1MHz
LTM8003
VOUT
BIAS
VOUT
5V
3.5A
6A PEAK
VIN
VIN
7V TO 40V
FB
GND
RUN
SYNC
RT
8003 TA01a
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG
LOAD CURRENT (A)
0
1
2
3
4
55
65
75
85
95
8003 TA01
12VIN


Similar Part No. - LTM8053

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTM8053 LINEAR-LTM8053 Datasheet
1Mb / 18P
Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LTM8053 LINER-LTM8053 Datasheet
1Mb / 20P
Dual SEPIC or Inverting 關Module DC/DC Converter
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8053 LINER-LTM8053 Datasheet
1Mb / 24P
40VIN, 2A Silent Switcher 關Module Regulator
LTM8053 LINER-LTM8053 Datasheet
1Mb / 26P
40VIN, 2.5A Silent Switcher 關Module Regulator
More results

Similar Description - LTM8053

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8641 LINER-LT8641 Datasheet
3Mb / 26P
65V, 3.5A Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
40VIN, 2.5A Silent Switcher 關Module Regulator
LTM8073 LINER-LTM8073 Datasheet
1Mb / 26P
60VIN, 3A Silent Switcher 關Module Regulator
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
LT8641A AD-LT8641A Datasheet
860Kb / 35P
65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com