Electronic Components Datasheet Search
  English  ▼

X  

LTM8032 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM8032
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8032 Datasheet(HTML) 4 Page - Linear Technology

  LTM8032 Datasheet HTML 1Page - Linear Technology LTM8032 Datasheet HTML 2Page - Linear Technology LTM8032 Datasheet HTML 3Page - Linear Technology LTM8032 Datasheet HTML 4Page - Linear Technology LTM8032 Datasheet HTML 5Page - Linear Technology LTM8032 Datasheet HTML 6Page - Linear Technology LTM8032 Datasheet HTML 7Page - Linear Technology LTM8032 Datasheet HTML 8Page - Linear Technology LTM8032 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LTM8003
4
8003fc
For more information www.linear.com/LTM8003
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current,
VOUT =0.97V, BIAS=5V
Efficiency vs Load Current,
VOUT =1.2V, BIAS=5V
Efficiency vs Load Current,
VOUT =1.5V, BIAS=5V
TA = 25°C, unless otherwise noted.
Efficiency vs Load Current,
VOUT =1.8V, BIAS=5V
Efficiency vs Load Current,
VOUT =2V, BIAS=5V
Efficiency vs Load Current,
VOUT =2.5V, BIAS=5V
Efficiency vs Load Current,
VOUT =3.3V, BIAS=5V
Efficiency vs Load Current,
VOUT =5V, BIAS=5V
Efficiency vs Load Current,
VOUT =8V, BIAS=5V
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
4
45
55
65
75
85
8003 G01
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
4
50
60
70
80
90
8003 G02
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
4
50
60
70
80
90
8003 G03
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
4
50
60
70
80
90
8003 G04
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
4
50
60
70
80
90
8003 G05
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
4
55
60
70
80
90
8003 G06
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
4
55
65
75
85
95
8003 G07
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
4
55
65
75
85
95
8003 G08
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
4
55
65
75
85
95
8003 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com