Electronic Components Datasheet Search
  English  ▼

X  

LTM8046 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM8046
Description  3.1VIN to 31VIN, 2kVAC Isolated DC/DC 關Module Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8046 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM8046 Datasheet HTML 4Page - Linear Technology LTM8046 Datasheet HTML 5Page - Linear Technology LTM8046 Datasheet HTML 6Page - Linear Technology LTM8046 Datasheet HTML 7Page - Linear Technology LTM8046 Datasheet HTML 8Page - Linear Technology LTM8046 Datasheet HTML 9Page - Linear Technology LTM8046 Datasheet HTML 10Page - Linear Technology LTM8046 Datasheet HTML 11Page - Linear Technology LTM8046 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTM8046
8
8046fb
For more information www.linear.com/LTM8046
pin FuncTions
VIN (Bank 1): VIN supplies current to the LTM8046’s
internal regulator and to the integrated power switch.
These pins must be locally bypassed with an external,
low ESR capacitor.
GND (Bank 2): This is the primary side local ground of
the LTM8046 primary. In most applications, the bulk of
the heat flow out of the LTM8046 is through the GND and
VOUT–pads,sotheprintedcircuitdesignhasalargeimpact
onthethermalperformanceofthepart.SeethePCBLayout
and Thermal Considerations sections for more details.
VOUT– (Bank 3): VOUT– is the return for VOUT. VOUT and
VOUT– comprise the isolated output of the LTM8046. In
most applications, the bulk of the heat flow out of the
LTM8046 is through the GND and VOUT– pads, so the
printed circuit design has a large impact on the thermal
performance of the part. See the PCB Layout and Thermal
Considerationssectionsformoredetails.Applyanexternal
capacitor between VOUT and VOUT–.
VOUT (Bank 4): VOUT and VOUT– comprise the isolated
output of the LTM8046 flyback stage. Apply an external
capacitor between VOUT and VOUT–. Do not allow VOUT– to
exceed VOUT.
RUN (Pin L3): A resistive divider connected to VIN and this
pin programs the minimum voltage at which the LTM8046
will operate. Below 1.24V, the LTM8046 does not deliver
power to the secondary. Above 1.24V, power will be de-
livered to the secondary and 8µA will be fed into the SS
pin. When RUN is less than 1.24V, the pin draws 2.5µA,
allowing for a programmable hysteresis. Do not allow a
negative voltage (relative to GND) on this pin.
BIAS (Pin L4): This pin supplies the power necessary to
operate the LTM8046. It must be locally bypassed with
a low ESR capacitor of at least 1μF. Do not allow this pin
voltage to rise above VIN.
SS(PinL5):Placeasoft-startcapacitorheretolimitinrush
current and the output voltage ramp rate. Do not allow a
negative voltage (relative to GND) on this pin.
FB (Pin L6): Apply a resistor from this pin to GND to set
the output voltage, using the recommended value given
in Table 1. If Table 1 does not list the desired VOUT value,
the equation
RFB = 31.6 VOUT–0.84
(
)kΩ
may be used to approximate the value. To the seasoned
designer, this exponential equation may seem unusual.
The equation is exponential due to non-linear current
sources that are used to temperature compensate the
output regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com