Electronic Components Datasheet Search
  English  ▼

X  

LTM8045 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM8045
Description  3.1VIN to 31VIN, 2kVAC Isolated DC/DC 關Module Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology LTM8045 Datasheet HTML 10Page - Linear Technology LTM8045 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTM8046
7
8046fb
For more information www.linear.com/LTM8046
Typical perForMance characTerisTics
Temperature Rise vs Output
Current 8VOUT
Temperature Rise vs Output
Current 12VOUT
Output Ripple
Step Input Start-Up Waveform
Temperature Rise vs Output
Current 5VOUT
OUTPUT CURRENT (mA)
20
15
0
10
5
8046 G27
0
700
500 600
100 200 300 400
3.3VIN
5VIN
12VIN
24VIN
OUTPUT CURRENT (mA)
20
0
15
5
10
8046 G29
0
300
100
200
3.3VIN
5VIN
12VIN
OUTPUT CURRENT (mA)
15
0
10
5
8046 G28
0
100
200
300
400
3.3VIN
5VIN
12VIN
24VIN, 5VOUT
570mA LOAD
DC1559A DEMO BOARD
UNMODIFIED
150MHz BW
50mV/
DIV
8046 G30
2µs/DIV
24VIN, 5VOUT
20 RESISTIVE LOAD
1V/
DIV
8046 G31
200µs/DIV
CSS = 0.1µF
CSS = 0.033µF
NO CSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com