Electronic Components Datasheet Search
  English  ▼

X  

LTM8055 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM8055
Description  38VIN Boost 關Module Regulator for LED Drive with 10A Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8055 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM8055 Datasheet HTML 18Page - Linear Technology LTM8055 Datasheet HTML 19Page - Linear Technology LTM8055 Datasheet HTML 20Page - Linear Technology LTM8055 Datasheet HTML 21Page - Linear Technology LTM8055 Datasheet HTML 22Page - Linear Technology LTM8055 Datasheet HTML 23Page - Linear Technology LTM8055 Datasheet HTML 24Page - Linear Technology LTM8055 Datasheet HTML 25Page - Linear Technology LTM8055 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LTM8005
22
8005f
For more information www.linear.com/LTM8005
TYPICAL APPLICATIONS
6VIN to 24VIN to 12VOUT SEPIC with Current Limit
LTM8005
8005 TA04
EN/UVLO
OVLO
PWM
VREF
CTRL1
CTRL2
IVINCOMP
VOUT
ISN
LED
AUX
FB
ISMON
RAMP
SS
VC
RT
GND OPENLED SHORTLED
IVINP
VIN
IVINN
SW
DA
COUT1
4×
22µF
16V
COUT2
150µF
VOUT
12V
3.56A CURRENT LIMIT
90.9k
21.5k
1M
5.1k
31.6k
f = 250kHz
10nF
0.1µF
0.1µF
CIN
4×
4.7µF
50V
12.4k
107k
RSENSE1
60m
VIN
6V TO 24V
38V MAX.
26V OVLO
+
L1A
4.4µH
L1B
4.4µH
CCOUP
3×
22µF
16V
RSENSE2
10m
CIN: MURATA GRM31CR71H475KA12
COUT1, CCOUP: MURATA GRM32ER61C226KE20L
COUT2: SUNCON 25HVH150M
L1: WURTH 74485540440
RSENSE1: VISHAY WSL2010R0600FEA18
RSENSE2: VENKEL ULCR2512-10M0JT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com