Electronic Components Datasheet Search
  English  ▼

X  

LTM8049 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM8049
Description  Dual SEPIC or Inverting 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8049 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM8049 Datasheet HTML 7Page - Linear Technology LTM8049 Datasheet HTML 8Page - Linear Technology LTM8049 Datasheet HTML 9Page - Linear Technology LTM8049 Datasheet HTML 10Page - Linear Technology LTM8049 Datasheet HTML 11Page - Linear Technology LTM8049 Datasheet HTML 12Page - Linear Technology LTM8049 Datasheet HTML 13Page - Linear Technology LTM8049 Datasheet HTML 14Page - Linear Technology LTM8049 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTM8049
11
8049fa
For more information www.linear.com/LTM8049
APPLICATIONS INFORMATION
circuit they may have only a small fraction of their nominal
capacitance resulting in much higher output voltage ripple
than expected.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LTM8049. A
ceramic input capacitor combined with trace or cable
inductance forms a high Q (underdamped) tank circuit.
If the LTM8049 circuit is plugged into a live supply, the
input voltage can ring to twice its nominal value, possi-
bly exceeding the device’s rating. This situation is easily
avoided; see the Hot-Plugging Safely section.
Programming Switching Frequency
TheLTM8049hasanoperationalswitchingfrequencyrange
between 200kHz and 2.5MHz. The free running frequency
is programmed with an external resistor from the RT pin
to ground. Do not leave this pin open under any condition.
When the SYNC pin is driven low (<0.4V), the frequency
of operation is set by a resistor from RT to ground. The
RT value is calculated by the following equation:
RT =
81.6
fOSC
– 1, where fOSC is in MHz and RT is in kΩ
Switching Frequency Trade-Offs
It is recommended that the user apply the optimal RTvalue
given in Table 1 for the corresponding input and output
operating condition. System level or other considerations,
however, may necessitate another operating frequency.
While the LTM8049 is flexible enough to accommodate
a wide range of operating frequencies, a haphazardly
chosen one may result in undesirable operation under
certain operating or fault conditions. A frequency that is
too high can reduce efficiency, reduce the usable input
voltage range, generate excessive heat or even damage
the LTM8049 in some fault conditions. A frequency that
is too low can result in a final design that has too much
output ripple or too large of an output capacitor. Note that
the Maximum Output Current vs Input Voltage curves
given in the Typical Characteristics section are for the
recommended operating conditions in Table 1. Using a
different operating frequency may result in a different
maximum output current.
Table 1. Recommended Component Values and Configuration (TA = 25°C)
VIN RANGE (V) VOUT (V)
CIN
COUT
RFB (Ω)
fOPTIMAL
RTOPTIMAL (Ω)
fMAX
RTMIN (Ω)
2.6V to 11.5V
2.5V
4.7µF 25V 0603 X5R
100µF 4V 0805 X5R
15.4k
600kHz
137k
2MHz
38.3k
2.6V to 9.5V
–2.5V
4.7µF 25V 0603 X5R
100µF 4V 0805 X5R
+ 47µF 6.3V 0805 X5R
30.1k
600kHz
137k
2MHz
38.3k
2.6V to 18V
3.3V
4.7µF 25V 0603 X5R
100µF 4V 0805 X5R
25.5k
650kHz
124k
2.3MHz
33.2k
2.6V to 12V
–3.3V
4.7µF 25V 0603 X5R
100µF 4V 0805 X5R
+ 47µF 6.3V 0805 X5R
39.2k
650kHz
124k
2.3MHz
33.2k
2.7V to 20V
5V
4.7µF 25V 0603 X5R
47µF 6.3V 0805 X5R
45.3k
750k
107k
2.5MHz
31.6k
2.7V to 15V
–5V
4.7µF 25V 0603 X5R
100µF 6.3V 1206 X5R
+ 47µF 10V 1206 X5R
60.4k
750k
107k
2.5MHz
31.6k
2.7V to 20V
8V
4.7µF 25V 0603 X5R
22µF 10V 1206 X5R
82.5k
1MHz
80.6k
2.5MHz
31.6k
2.7 to 18.5V
–8V
4.7µF 25V 0603 X5R
2x 47µF 10V 1206 X5R
95.3k
1MHz
80.6k
2.5MHz
31.6k
2.7V to 20V
12V
4.7µF 25V 0603 X5R
22µF 16V 1210 X5R
130k
1MHz
80.6k
2.5MHz
31.6k
2.7V to 20V
–12V
4.7µF 25V 0603 X5R
47µF 16V 1210 X5R
143k
1MHz
80.6k
2.5MHz
31.6k
2.7V to 20V
15V
4.7µF 25V 0603 X5R
22µF 16V 1210 X5R
165k
1.1MHz
73.2k
1.9MHz
41.2k
2.7V to 20V
–15V
4.7µF 25V 0603 X5R
47µF 16V 1210 X5R
178k
1.1MHz
73.2k
1.9MHz
41.2k
3V to 20V
18V
4.7µF 25V 0603 X5R
22µF 16V 1210 X7R
200k
1.5MHz
53.6k
1.8MHz
45.3k
3V to 20V
–18V
4.7µF 25V 0603 X5R
22µF 16V 1210 X7R
215k
1.5MHz
53.6k
1.8MHz
45.3k
3.7V to 18V
24V
4.7µF 25V 0603 X5R
22µF 25V 1206 X5R
274k
1.5MHz
53.6k
1.8MHz
45.3k
3.7V to 18V
–24V
4.7µF 25V 0603 X5R
22µF 25V 1206 X5R
287k
1.5MHz
53.6k
1.8MHz
45.3k
Note: An input bulk capacitor is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com