Electronic Components Datasheet Search
  English  ▼

X  

LTM8045 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM8045
Description  Dual SEPIC or Inverting 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 2Page - Linear Technology LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology LTM8045 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTM8049
6
8049fa
For more information www.linear.com/LTM8049
TYPICAL PERFORMANCE CHARACTERISTICS
Maximum Load Current vs VIN
Derating Curve, VOUT ±2.5VOUT
Derating Curve, VOUT ±3.3VOUT
Derating Curve, VOUT ±5VOUT
Derating Curve, VOUT ±8VOUT
Derating Curve, VOUT ±12VOUT
Derating Curve, VOUT ±15VOUT
Derating Curve, VOUT ±18VOUT
Derating Curve, VOUT ±24VOUT
18VOUT
24VOUT
VIN (V)
0
5
10
15
20
0
0.25
0.50
0.75
1.00
8049 G19
PER CHANNEL
0 LFM
5VIN
12VIN
15VIN
0
25
50
75
100
125
0
0.50
1.00
1.50
2.00
8049 G22
AMBIENT TEMPERATURE (°C)
0 LFM
5VIN
12VIN
16VIN
0
25
50
75
100
125
0
0.25
0.50
0.75
1.00
8049 G25
AMBIENT TEMPERATURE (°C)
0LFM
5VIN
8VIN
0
25
50
75
100
125
0
0.50
1.00
1.50
2.00
8049 G20
AMBIENT TEMPERATURE (°C)
0 LFM
5VIN
12VIN
16VIN
0
25
50
75
100
125
0
0.50
1.00
1.50
8049 G23
AMBIENT TEMPERATURE (°C)
0 LFM
5VIN
12VIN
16VIN
0
25
50
75
100
125
0
0.25
0.50
0.75
1.00
8049 G26
AMBIENT TEMPERATURE (°C)
0 LFM
5VIN
12VIN
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
0.50
1.00
1.50
2.00
8049 G21
0 LFM
5VIN
12VIN
16VIN
0
25
50
75
100
125
0
0.50
1.00
1.50
8049 G24
AMBIENT TEMPERATURE (°C)
0 LFM
5VIN
12VIN
16VIN
0
25
50
75
100
125
0
0.25
0.50
0.75
8049 G27
AMBIENT TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com