Electronic Components Datasheet Search
  English  ▼

X  

LTM8048 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM8048
Description  Dual SEPIC or Inverting 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8048 Datasheet(HTML) 4 Page - Linear Technology

  LTM8048 Datasheet HTML 1Page - Linear Technology LTM8048 Datasheet HTML 2Page - Linear Technology LTM8048 Datasheet HTML 3Page - Linear Technology LTM8048 Datasheet HTML 4Page - Linear Technology LTM8048 Datasheet HTML 5Page - Linear Technology LTM8048 Datasheet HTML 6Page - Linear Technology LTM8048 Datasheet HTML 7Page - Linear Technology LTM8048 Datasheet HTML 8Page - Linear Technology LTM8048 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTM8049
4
8049fa
For more information www.linear.com/LTM8049
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency, VOUT ±2.5V
Efficiency, VOUT ±3.3V
Efficiency, VOUT ±5V
Efficiency, VOUT ±8V
Efficiency, VOUT ±12V
Efficiency, VOUT ±15V
Efficiency, VOUT ±18V
Efficiency, VOUT ±24V
Input vs Load Current, VOUT ±2.5V
5VIN
8VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
45
55
65
75
8049 G01
5VIN
12VIN
16VIN
LOAD CURRENT (A)
0
0.5
1
1.5
55
65
75
85
8049 G04
5VIN
12VIN
16VIN
LOAD CURRENT (A)
0
0.20
0.40
0.60
0.80
55
65
75
85
8049 G07
5VIN
12VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
45
55
65
75
8049 G02
5VIN
12VIN
16VIN
LOAD CURRENT (A)
0
0.50
1
1.50
55
65
75
85
8049 G05
5VIN
12VIN
16VIN
LOAD CURRENT (A)
0
0.2
0.4
0.6
55
65
75
85
8049 G08
5VIN
12VIN
15VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
50
60
70
80
8049 G03
5VIN
12VIN
16VIN
LOAD CURRENT (A)
0
0.25
0.50
0.75
1
55
65
75
85
8049 G06
5VIN
8VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
0
0.5
1.0
1.5
2.0
2.5
8049 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com