Electronic Components Datasheet Search
  English  ▼

X  

LTM8053 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM8053
Description  Dual SEPIC or Inverting 關Module DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8053 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM8053 Datasheet HTML 6Page - Linear Technology LTM8053 Datasheet HTML 7Page - Linear Technology LTM8053 Datasheet HTML 8Page - Linear Technology LTM8053 Datasheet HTML 9Page - Linear Technology LTM8053 Datasheet HTML 10Page - Linear Technology LTM8053 Datasheet HTML 11Page - Linear Technology LTM8053 Datasheet HTML 12Page - Linear Technology LTM8053 Datasheet HTML 13Page - Linear Technology LTM8053 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTM8049
10
8049fa
For more information www.linear.com/LTM8049
OPERATION
The LTM8049 contains two stand-alone switching DC/
DC converters; either one may be configured as a SEPIC
(single-ended primary inductance converter) or inverting
power supply simply by tying VOUTN or VOUTP to GND,
respectively. It accepts an input voltage up to 20VDC. The
output is adjustable between 2.5V and 24V for the SEPIC,
and between –2.5V and –24V for the inverting configura-
tion. The LTM8049 can provide 1.5A at VIN = 12V when
VOUT = 5V or –5V at ambient room temperature.
As shown in the Block Diagram, the LTM8049 contains a
current mode controller, power switching element, power
coupled inductor, power Schottky diode and a modest
amount of input and output capacitance. The LTM8049
is a fixed frequency PWM regulator.
TheLTM8049switchingcanfreerunbyapplyingaresistorto
theRTpinorsynchronizetoanexternalsourceatafrequency
between 200kHz and 2.5MHz. To synchronize to an external
source, drive a valid signal source into the SYNC pin. See
SynchronizationintheApplicationsSectionformoredetails.
For most applications, the design process is straight
forward, summarized as follows:
1. Look at Table 1 and find the row that has the desired
input range and output voltage.
2. Apply the recommended CIN,COUT,RADJandRTvalues.
While these component combinations have been tested
for proper operation, it is incumbent upon the user to
verify proper operation over the intended system’s line,
load and environmental conditions. Bear in mind that the
maximum output current is limited by junction tempera-
ture, the relationship between the input and output voltage
magnitude and polarity and other factors. Please refer to
the graphs in the Typical Performance Characteristics
section for guidance.
Table 1 gives the recommended component values and
configuration for a single channel. Each channel may be
configured independently. The maximum frequency (and
attendant RT value) at which the LTM8049 should be al-
lowed to switch is given in Table 1 in the fMAX column,
while the recommended frequency (and RT value) for
The LTM8049 also features RUN and SS pins to control
the start-up behavior of the device. The RUN pin may also
be used to implement an accurate undervoltage lockout
function by applying a resistor network to the RUN pin.
The LTM8049 features frequency foldback to protect the
power switches during a fault or output current overload.
During start-up, frequency foldback also limits the current
the LTM8049 delivers to the load. The user must evaluate
the start-up behavior of the LTM8049 to ensure that it
properly powers up the load.
The LTM8049 is equipped with a thermal shutdown to
protect the device during momentary overload conditions.
It is set above the 125°C absolute maximum internal tem-
perature rating to avoid interfering with normal specified
operation, so internal device temperatures will exceed
the absolute maximum rating when the overtemperature
protection is active. Therefore, continuous or repeated
activation of the thermal shutdown may impair device
reliability.
optimal efficiency over the given input condition is given
in the fOPTIMAL column. Running the LTM8049 faster than
the recommended frequency may reduce the usable input
voltage range.
Capacitor Selection Considerations
The CIN and COUT capacitor values in Table 1 are the
minimum recommended values for the associated oper-
ating conditions. Applying capacitor values below those
indicated in Table 1 is not recommended, and may result
in undesirable operation. Using larger values is generally
acceptable, and can yield improved dynamic response, if
it is necessary. Again, it is incumbent upon the user to
verify proper operation over the intended system’s line,
load and environmental conditions.
Ceramic capacitors are small, robust and have very low
ESR. However, not all ceramic capacitors are suitable.
X5R and X7R types are stable over temperature and ap-
plied voltage and give dependable service. Other types,
including Y5V and Z5U have very large temperature and
voltage coefficients of capacitance. In an application
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com