Electronic Components Datasheet Search
  English  ▼

X  

LTM8003 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM8003
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8003 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM8003 Datasheet HTML 12Page - Linear Technology LTM8003 Datasheet HTML 13Page - Linear Technology LTM8003 Datasheet HTML 14Page - Linear Technology LTM8003 Datasheet HTML 15Page - Linear Technology LTM8003 Datasheet HTML 16Page - Linear Technology LTM8003 Datasheet HTML 17Page - Linear Technology LTM8003 Datasheet HTML 18Page - Linear Technology LTM8003 Datasheet HTML 19Page - Linear Technology LTM8003 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTM8053
16
8053fc
For more information www.linear.com/LTM8053
APPLICATIONS INFORMATION
Capacitor Selection Considerations
The CIN and COUT capacitor values in Table 1 are the
minimum recommended values for the associated oper-
ating conditions. Applying capacitor values below those
indicated in Table 1 is not recommended, and may result
in undesirable operation. Using larger values is generally
acceptable, and can yield improved dynamic response, if
it is necessary. Again, it is incumbent upon the user to
verify proper operation over the intended system’s line,
load and environmental conditions.
Ceramic capacitors are small, robust and have very low
ESR. However, not all ceramic capacitors are suitable.
X5R and X7R types are stable over temperature and ap-
plied voltage and give dependable service. Other types,
including Y5V and Z5U have very large temperature and
voltage coefficients of capacitance. In an application cir-
cuit they may have only a small fraction of their nominal
capacitance resulting in much higher output voltage ripple
than expected.
Ceramic capacitors are also piezoelectric. In Burst Mode
operation, the LTM8053’s switching frequency depends
on the load current, and can excite a ceramic capacitor
at audio frequencies, generating audible noise. Since the
LTM8053 operates at a lower current limit during Burst
Mode operation, the noise is typically very quiet to a
casual ear.
If this audible noise is unacceptable, use a high perfor-
mance electrolytic capacitor at the output. It may also be
a parallel combination of a ceramic capacitor and a low
cost electrolytic capacitor.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LTM8053. A
ceramic input capacitor combined with trace or cable
inductance forms a high-Q (underdamped) tank circuit.
If the LTM8053 circuit is plugged into a live supply, the
input voltage can ring to twice its nominal value, possi-
bly exceeding the device’s rating. This situation is easily
avoided; see the Hot-Plugging Safely section.
Frequency Selection
TheLTM8053usesaconstantfrequencyPWMarchitecture
that can be programmed to switch from 200kHz to 3MHz
by using a resistor tied from the RT pin to ground. Table 2
provides a list of RT resistor values and their resultant
frequencies.
Table 2. SW Frequency vs RT Value
fSW (MHz)
RT (k)
0.2
232
0.3
150
0.4
110
0.5
88.7
0.6
71.5
0.7
60.4
0.8
52.3
1.0
40.2
1.2
33.2
1.4
28.0
1.6
23.7
1.8
20.5
2.0
18.2
2.2
15.8
3.0
10.7
Operating Frequency Trade-Offs
It is recommended that the user apply the optimal RT
value given in Table 1 for the input and output operating
condition. System level or other considerations, however,
may necessitate another operating frequency. While the
LTM8053 is flexible enough to accommodate a wide range
of operating frequencies, a haphazardly chosen one may
result in undesirable operation under certain operating or
fault conditions. A frequency that is too high can reduce
efficiency, generate excessive heat or even damage the
LTM8053 if the output is overloaded or short-circuited. A
frequencythatistoolowcanresultinafinaldesignthathas
too much output ripple or too large of an output capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com