Electronic Components Datasheet Search
  English  ▼

X  

LTM8023 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM8023
Description  58V, 2A Step-Down 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8023 Datasheet(HTML) 5 Page - Linear Technology

  LTM8023 Datasheet HTML 1Page - Linear Technology LTM8023 Datasheet HTML 2Page - Linear Technology LTM8023 Datasheet HTML 3Page - Linear Technology LTM8023 Datasheet HTML 4Page - Linear Technology LTM8023 Datasheet HTML 5Page - Linear Technology LTM8023 Datasheet HTML 6Page - Linear Technology LTM8023 Datasheet HTML 7Page - Linear Technology LTM8023 Datasheet HTML 8Page - Linear Technology LTM8023 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTM8050
5
8050fc
For more information www.linear.com/LTM8050
Operating conditions are per Table 1 and
TA = 25°C, unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
Input Current vs Output Current
3.3VOUT
Input Current vs Output Current
5VOUT
Input Current vs Output Current
8VOUT
Input Current vs Output Current
12VOUT
Input Current vs Output Current
18VOUT
Input Current vs Output Current
24VOUT
Input Current vs VIN Output
Shorted
Output Current vs VIN Output
Shorted
BIAS Current vs Output Current
2.5VOUT BIAS = 5V
0
0.6
0.2
0.4
0.8
0.7
0.3
0.5
0.1
0
0.5
1.0
1.5
2.0
8050 G10
OUTPUT CURRENT (A)
12VIN
24VIN
36VIN
48VIN
0
0.6
0.2
0.4
1.2
1.0
0.8
0
0.5
1.0
1.5
2.0
8050 G11
OUTPUT CURRENT (A)
12VIN
24VIN
36VIN
48VIN
0
0.6
0.8
1.0
1.2
1.4
0.2
0.4
1.6
0
0.5
1.0
1.5
2.0
8050 G12
OUTPUT CURRENT (A)
12VIN
24VIN
36VIN
48VIN
0
0.6
0.2
0.4
1.2
1.0
0.8
0
0.5
1.0
1.5
2.0
8050 G13
OUTPUT CURRENT (A)
24VIN
36VIN
48VIN
0
0.6
0.2
0.4
1.2
1.0
0.8
0
0.5
1.0
1.5
8050 G14
OUTPUT CURRENT (A)
36VIN
48VIN
0
0.6
0.8
1.0
1.2
0.2
0.4
1.4
0
0.5
1.0
1.5
8050 G15
OUTPUT CURRENT (A)
36VIN
48VIN
INPUT VOLTAGE (V)
0
400
300
200
100
0
8050 G16
20
40
60
80
RT = 215k (200kHz)
RT = 93.1k (400kHz)
RT = 57.6k (600kHz)
RT = 33.2k (900kHz)
INPUT VOLTAGE (V)
0
5
4
3
2
1
0
8050 G16
20
40
60
80
RT = 215k (200kHz)
RT = 93.1k (400kHz)
RT = 57.6k (600kHz)
RT = 33.2k (900kHz)
0
4
16
12
8
0
0.5
1.0
1.5
2.0
8050 G18
OUTPUT CURRENT (A)
12VIN
24VIN
36VIN
48VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com