Electronic Components Datasheet Search
  English  ▼

X  

LTM4609 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4609
Description  36VIN, 8.5A Buck-Boost 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609 Datasheet(HTML) 5 Page - Linear Technology

  LTM4609 Datasheet HTML 1Page - Linear Technology LTM4609 Datasheet HTML 2Page - Linear Technology LTM4609 Datasheet HTML 3Page - Linear Technology LTM4609 Datasheet HTML 4Page - Linear Technology LTM4609 Datasheet HTML 5Page - Linear Technology LTM4609 Datasheet HTML 6Page - Linear Technology LTM4609 Datasheet HTML 7Page - Linear Technology LTM4609 Datasheet HTML 8Page - Linear Technology LTM4609 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LTM8055
5
8055fb
For more information www.linear.com/LTM8055
TYPICAL PERFORMANCE CHARACTERISTICS
Input Current vs Output Current
(24VOUT)
Input Current vs Output Current
(36VOUT)
Maximum Output Current vs VIN
Maximum Output Current vs VIN
Temperature Rise vs Output
Current (3.3VOUT)
Temperature Rise vs Output
Current (5VOUT)
Input Current vs Output Current
(8VOUT)
Input Current vs Output Current
(12VOUT)
Input Current vs Output Current
(18VOUT)
TA = 25°C, unless otherwise noted.
OUTPUT CURRENT (A)
10
8
6
4
2
0
8055 G10
6
8
0
2
4
10
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
10
8
6
4
2
0
8055 G11
9
0
3
6
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
10
8
6
4
2
0
8055 G12
6
8
0
2
4
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
10
8
6
4
2
0
8055 G13
6
0
2
4
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
9
8
7
4
5
6
3
2
1
0
8055 G14
3
4
5
0
1
2
5VIN
12VIN
24VIN
36VIN
VIN (V)
10
8
6
4
8055 G15
30
40
0
10
20
3.3VOUT
5VOUT
8VOUT
VIN (V)
10
8
6
4
2
0
8055 G16
30
40
0
10
20
12VOUT
18VOUT
24VOUT
36VOUT
OUTPUT CURRENT (A)
100
80
60
40
20
0
8055 G17
6
8
10
0
2
4
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
100
80
60
40
20
0
8055 G18
6
8
10
0
2
4
5VIN
12VIN
24VIN
36VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com