Electronic Components Datasheet Search
  English  ▼

X  

LTM8046 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM8046
Description  36VIN, 8.5A Buck-Boost 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8046 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8046 Datasheet HTML 2Page - Linear Technology LTM8046 Datasheet HTML 3Page - Linear Technology LTM8046 Datasheet HTML 4Page - Linear Technology LTM8046 Datasheet HTML 5Page - Linear Technology LTM8046 Datasheet HTML 6Page - Linear Technology LTM8046 Datasheet HTML 7Page - Linear Technology LTM8046 Datasheet HTML 8Page - Linear Technology LTM8046 Datasheet HTML 9Page - Linear Technology LTM8046 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LTM8055
6
8055fb
For more information www.linear.com/LTM8055
TYPICAL PERFORMANCE CHARACTERISTICS
Temperature Rise vs Output
Current (24VOUT)
Temperature Rise vs Output
Current (36VOUT)
Output Voltage Ripple, Unmodified
DC2017A Demo Board 12VOUT
Maximum Output Current vs
CTL Voltage, Unmodified
DC2017A, 12VIN
Start-Up Behavior, DC2017A,
24VIN, 3A Resistive Load
Temperature Rise vs Output
Current (8VOUT)
Temperature Rise vs Output
Current (12VOUT)
Temperature Rise vs Output
Current (18VOUT)
TA = 25°C, unless otherwise noted.
OUTPUT CURRENT (A)
100
80
60
40
20
0
8055 G19
6
8
10
0
2
4
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
100
80
60
40
20
0
8055 G20
6
8
0
2
4
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
100
80
60
40
20
0
8055 G21
6
8
0
2
4
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
100
80
60
40
20
0
8055 G22
6
0
2
4
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
100
80
60
40
20
0
8055 G23
5
0
1
2
3
4
5VIN
12VIN
24VIN
36VIN
2V/DIV
8055 G25
500µs/DIV
NO CSS
CSS = 0.022µF
CSS = 0.22µF
CTL VOLTAGE (V)
8
7
6
5
4
3
2
1
0
8055 G26
1.2
1.4
1
0
0.4
0.2
0.8
0.6
24VIN
6A LOAD
(BUCK)
100mV/DIV
12VIN
6A LOAD
(BUCK-BOOST)
100mV/DIV
6VIN
3A LOAD
(BOOST)
100mV/DIV
8055 G24
0.5µs/DIV
MEASURED WITH HP461N
150MHz AMPLIFIER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com