Electronic Components Datasheet Search
  English  ▼

X  

LTM4605 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4605
Description  58VIN, 48VOUT Buck-Boost 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4605 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4605 Datasheet HTML 17Page - Linear Technology LTM4605 Datasheet HTML 18Page - Linear Technology LTM4605 Datasheet HTML 19Page - Linear Technology LTM4605 Datasheet HTML 20Page - Linear Technology LTM4605 Datasheet HTML 21Page - Linear Technology LTM4605 Datasheet HTML 22Page - Linear Technology LTM4605 Datasheet HTML 23Page - Linear Technology LTM4605 Datasheet HTML 24Page - Linear Technology LTM4605 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTM8056
21
8056fa
For more information www.linear.com/LTM8056
TYPICAL APPLICATIONS
18VOUT Fan Power from 3VIN to 58VIN with Analog
Current Control and 2A Input Current Limiting
Maximum Output Current
vs CTL Voltage 12VIN
Output Voltage vs Output Current
24VOUT from 9VIN to 58VIN with 1.1A Accurate Current Limit
VIN SVIN
IIN
GND
LL
MODE
FAN CONTROL
LTM8056
IOUT
0.05
VOUT
CLKOUT
IINMON
IOUTMON
FB
RUN
COMP
SS
SYNC
CTL
RT
0.022
6.98k
100k
8056 TA02a
22µF
25V
47µF
25V
VOUT
18V MAX
FAN
2.2µF
100V
×3
1µF
100V
VIN
3V TO 58V
31.6k
fSW = 650kHz
DAC
+
VIN
SVIN
IIN
GND
LL
MODE
LTM8056
IOUT
0.05
VOUT
CLKOUT
IINMON
IOUTMON
FB
RUN
CTL
SS
SYNC
COMP
RT
5.23k
8056 TA03a
22µF
25V
33µF
35V
VOUT
24V
2.2µF
100V
×3
VIN
9V TO 58V
43.2k
fSW = 525kHz
100k
+
CTL VOLTAGE (V)
0
1.2
0.8
0.6
1.0
0.4
0.2
0
8056 TA02b
1.2
0.6
0.8
0.2
0.4
1
OUTPUT CURRENT (A)
0
25
15
20
10
5
0
8056 TA03b
1.5
1
0.5
12VIN
24VIN
36VIN
48VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com