Electronic Components Datasheet Search
  English  ▼

X  

LTM8046 Datasheet(PDF) 17 Page - Linear Technology

Part # LTM8046
Description  58VIN, 48VOUT Buck-Boost 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8046 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM8046 Datasheet HTML 13Page - Linear Technology LTM8046 Datasheet HTML 14Page - Linear Technology LTM8046 Datasheet HTML 15Page - Linear Technology LTM8046 Datasheet HTML 16Page - Linear Technology LTM8046 Datasheet HTML 17Page - Linear Technology LTM8046 Datasheet HTML 18Page - Linear Technology LTM8046 Datasheet HTML 19Page - Linear Technology LTM8046 Datasheet HTML 20Page - Linear Technology LTM8046 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTM8056
17
8056fa
For more information www.linear.com/LTM8056
where MODE and LL are tied together, a small capacitor
(~0.1µF) from these pins to GND may improve the light
load transient response by delaying the transition from
the discontinuous to forced continuous switching modes.
MODE may be tied to GND for the purpose of blocking
reverse current if no output current sense resistor is used.
FB Resistor Divider and Load Regulation
The LTM8056 regulates its FB pin to 1.2V, using a resistor
divider to sense the output voltage. The location at which
the output voltage is sensed affects the load regulation.
If there is a current sense resistor between VOUT and
IOUT, and the output is sensed at VOUT, the voltage at the
load will drop by the value of the current sense resistor
multiplied by the output current. If the output voltage can
be sensed at IOUT, the load regulation may be improved.
PCB Layout
Most of the headaches associated with PCB layout have
been alleviated or even eliminated by the high level of
integration of the LTM8056. The LTM8056 is neverthe-
less a switching power supply, and care must be taken to
minimize EMI and ensure proper operation. Even with the
high level of integration, you may fail to achieve specified
operation with a haphazard or poor layout. See Figure 6
for a suggested layout. Ensure that the grounding and
heat sinking are acceptable.
A few rules to keep in mind are:
1. Place the RFB and RT resistors as close as possible to
their respective pins.
2. Place the CIN capacitor as close as possible to the VIN
and GND connection of the LTM8056.
3. Place the COUT capacitor as close as possible to the
VOUT and GND connection of the LTM8056.
4. Minimize the trace resistance between the optional
outputcurrentsenseresistor,ROUT,andVOUT. Minimize
the loop area of the IOUT trace and the trace from VOUT
to ROUT.
5. Minimizethetraceresistancebetweentheoptionalinput
current sense resistor (RIN) and VIN. Minimize the loop
area of the IIN trace and the trace from VIN to RIN.
6. Place the CIN and COUT capacitors such that their
ground current flow directly adjacent or underneath
the LTM8056.
7. Connect all of the GND connections to as large a copper
pour or plane area as possible on the top layer. Avoid
breaking the ground connection between the external
components and the LTM8056.
8. Use vias to connect the GND copper area to the board’s
internal ground planes. Liberally distribute these GND
vias to provide both a good ground connection and
thermal path to the internal planes of the printed circuit
board. Pay attention to the location and density of the
thermal vias in Figure 6. The LTM8056 can benefit from
the heat sinking afforded by vias that connect to internal
GND planes at these locations, due to their proximity
to internal power handling components. The optimum
number of thermal vias depends upon the printed
circuit board design. For example, a board might use
very small via holes. It should employ more thermal
vias than a board that uses larger holes.
Hot-Plugging Safely
The small size, robustness and low impedance of ceramic
capacitors make them an attractive option for the input
bypass capacitor of the LTM8056. However, these capaci-
tors can cause problems if the LTM8056 is plugged into a
live supply (see Linear Technology Application Note 88 for
a complete discussion). The low loss ceramic capacitor
combined with stray inductance in series with the power
source forms an underdamped tank circuit, and the volt-
age at the VIN pin of the LTM8056 can ring to more than
twice the nominal input voltage, possibly exceeding the
LTM8056’sratinganddamagingthepart.Iftheinputsupply
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com