Electronic Components Datasheet Search
  English  ▼

X  

LTM8033 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8033
Description  40VIN, 2A Silent Switcher 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8033 Datasheet(HTML) 2 Page - Linear Technology

  LTM8033 Datasheet HTML 1Page - Linear Technology LTM8033 Datasheet HTML 2Page - Linear Technology LTM8033 Datasheet HTML 3Page - Linear Technology LTM8033 Datasheet HTML 4Page - Linear Technology LTM8033 Datasheet HTML 5Page - Linear Technology LTM8033 Datasheet HTML 6Page - Linear Technology LTM8033 Datasheet HTML 7Page - Linear Technology LTM8033 Datasheet HTML 8Page - Linear Technology LTM8033 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTM8063
2
8063fa
For more information www.linear.com/LTM8063
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, RUN, PG Voltage .............................................. 42V
VOUT Voltage ........................................................... 19V
FB, TR/SS Voltage ..................................................... 4V
SYNC Voltage ............................................................ 6V
Maximum Internal Temperature .......................... 125°C
Storage Temperature ............................ –55°C to 125°C
Peak Reflow Solder Body Temperature ............... 260°C
(Notes 1, 2)
GND
BANK 1
GND
BANK 3
VOUT
BANK 2
VIN
F
G
E
A
B
C
D
2
1
4
3
BGA PACKAGE
28-LEAD (6.25mm × 4mm × 2.22mm) BGA PACKAGE
FB
PG
SYNC
FB
TR/SS
RT
TOP VIEW
GND
RUN
TJMAX = 125°C, θJA = 36.5°C/W, θJCbottom = 10.4°C/W
θJCtop = 37.1°C/W, θJB = 10.8°C/W, WEIGHT = 0.14g
θ VALUES DETERMINED PER JEDEC51-9, 51-12
ORDER INFORMATION http://www.linear.com/product/LTM8063#orderinfo
PART NUMBER
TERMINAL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
DEVICE
FINISH CODE
LTM8063EY#PBF
SAC305 (RoHS)
8063
v
BGA
3
–40°C to 125°C
LTM8063IY#PBF
• Consult Marketing for parts specified with wider operating temperature
ranges. *Device temperature grade is indicated by a label on the shipping
container. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• Recommended BGA PCB Assembly and Manufacturing Procedures:
www.linear.com/umodule/pcbassembly
• BGA Package and Tray Drawings: www.linear.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com