Electronic Components Datasheet Search
  English  ▼

X  

LTM8065 Datasheet(PDF) 17 Page - Linear Technology

Part # LTM8065
Description  40VIN, 2.5A Silent Switcher 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8065 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM8065 Datasheet HTML 13Page - Linear Technology LTM8065 Datasheet HTML 14Page - Linear Technology LTM8065 Datasheet HTML 15Page - Linear Technology LTM8065 Datasheet HTML 16Page - Linear Technology LTM8065 Datasheet HTML 17Page - Linear Technology LTM8065 Datasheet HTML 18Page - Linear Technology LTM8065 Datasheet HTML 19Page - Linear Technology LTM8065 Datasheet HTML 20Page - Linear Technology LTM8065 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LTM8065
17
8065fa
For more information www.linear.com/LTM8065
APPLICATIONS INFORMATION
Frequency Foldback
The LTM8065 is equipped with frequency foldback which
actstoreducethethermalandenergystressontheinternal
power elements during a short circuit or output overload
condition. If the LTM8065 detects that the output has
fallenoutofregulation,theswitchingfrequencyisreduced
as a function of how far the output is below the target
voltage. This in turn limits the amount of energy that can
be delivered to the load under fault. During the start-up
time, frequency foldback is also active to limit the energy
delivered to the potentially large output capacitance of
the load. When a clock is applied to the SYNC pin, the
SYNC pin is floated or held high, the frequency foldback
is disabled, and the switching frequency will slow down
only during overcurrent conditions.
Synchronization
To select low ripple Burst Mode operation, tie the SYNC
pin below about 0.4V (this can be ground or a logic low
output). To synchronize the LTM8065 oscillator to an
external frequency, connect a square wave (with about
20% to 80% duty cycle) to the SYNC pin. The square
wave amplitude should have valleys that are below 0.4V
and peaks above 1.5V.
The LTM8065 will not enter Burst Mode operation at low
output loads while synchronized to an external clock, but
insteadwillpulseskiptomaintainregulation.TheLTM8065
maybesynchronizedovera200kHzto3MHzrange.TheRT
resistor should be chosen to set the switching frequency
equal to or below the lowest synchronization input. For
example, if the synchronization signal will be 500kHz and
higher, the RT should be selected for 500kHz.
For some applications it is desirable for the LTM8065 to
operate in pulse-skipping mode, offering two major dif-
ferences from Burst Mode operation. The first is that the
clock stays awake at all times and all switching cycles
are aligned to the clock. The second is that full switching
frequency is reached at lower output load than in Burst
Modeoperation.Thesetwodifferencescomeattheexpense
of increased quiescent current. To enable pulse-skipping
mode, the SYNC pin is floated.
The LTM8065 features spread spectrum operation to
further reduce EMI/EMC emissions. To enable spread
spectrum operation, apply between 2.9V and 4.2V to the
SYNC pin. In this mode, triangular frequency modulation
is used to vary the switching frequency between the value
programmed by RT to about 20% higher than that value.
Themodulationfrequencyisabout3kHz.Forexample,when
the LTM8065 is programmed to 2MHz, the frequency will
vary from 2MHz to 2.4MHz at a 3kHz rate. When spread
spectrum operation is selected, Burst Mode operation is
disabled, and the part will run in pulse-skipping mode.
TheLTM8065doesnotoperateinforcedcontinuousmode
regardless of SYNC signal.
Negative Output
The LTM8065 is capable of generating a negative output
voltage by connecting its VOUT to system GND and the
LTM8065 GND to the negative voltage rail. An example
of this is shown in the Typical Applications section. The
most versatile way to generate a negative output is to
use a dedicated regulator that was designed to generate
a negative voltage, but using a buck regulator like the
LTM8065 to generate a negative voltage is a simple and
cost effective solution, as long as certain restrictions are
kept in mind.
Figure 1showsatypicalnegativeoutputvoltageapplication.
Note that LTM8065 VOUT is tied to system GND and input
power is applied from VIN to LTM8065 VOUT. As a result,
the LTM8065 is not behaving as a true buck regulator,
and the maximum output current depends upon the input
voltage. In the example shown in the Typical Applications
section, there is an attending graph that shows how much
current the LTM8065 can deliver for given input voltages.
Note that this configuration requires that any load current
transient will directly impress the transient voltage onto
NEGATIVE
OUTPUT VOLTAGE
LTM8065
VOUT
VIN
8065 F01
GND
VIN
Figure 1. The LTM8065 Can Be Used to Generate a Negative Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com