Electronic Components Datasheet Search
  English  ▼

X  

LTM8050 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM8050
Description  60VIN, 3A Silent Switcher 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8050 Datasheet(HTML) 1 Page - Linear Technology

  LTM8050 Datasheet HTML 1Page - Linear Technology LTM8050 Datasheet HTML 2Page - Linear Technology LTM8050 Datasheet HTML 3Page - Linear Technology LTM8050 Datasheet HTML 4Page - Linear Technology LTM8050 Datasheet HTML 5Page - Linear Technology LTM8050 Datasheet HTML 6Page - Linear Technology LTM8050 Datasheet HTML 7Page - Linear Technology LTM8050 Datasheet HTML 8Page - Linear Technology LTM8050 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTM8073
1
8073fa
For more information www.linear.com/LTM8073
Typical applicaTion
FeaTures
DescripTion
60VIN, 3A Silent Switcher
µModule Regulator
Efficiency, VOUT = 5V, BIAS = 5V
5VOUT from 7VIN to 60VIN Step-Down Converter
applicaTions
n
Power for Portable Products
n
Distributed Supply Regulation
n
Industrial Supplies
n
Wall Transformer Regulation
L
, LT, LTC, LTM, µModule, Burst Mode, Silent Switcher, Linear Technology and the Linear logo
are registered trademarks of Analog Devices, Inc. All other trademarks are the property of their
respective owners.
n
Complete Step-Down Switch Mode Power Supply
n
Low Noise Silent Switcher® Architecture
n
Wide Input Voltage Range: 3.4V to 60V
n
Wide Output Voltage Range: 0.8V to 15V
n
3A Continuous Output Current, 24VIN, 5VOUT,
TA = 85°C
n
Up to 5A Peak Current
n
Parallelable for Increased Output Current
n
Selectable Switching Frequency: 200kHz to 3MHz
n
Programmable Soft-Start
n
6.25mm × 9mm × 3.32mm BGA Package
The LTM®8073 is a 60VIN, 3A (continuous) or 5A (peak)
step-down Silent Switcher µModule® (power module)
regulator. Included in the package are the switching con-
troller, power switches, inductor, and all support compo-
nents. Operating over an input voltage range of 3.4V to
60V, the LTM8073 supports an output voltage range of
0.8V to 15V and a switching frequency range of 200kHz
to 3MHz, each set by a single resistor. Only the input and
output filter capacitors are needed to finish the design.
The low profile package enables utilization of unused
space on the bottom of PC boards for high density point
of load regulation. The LTM8073 is packaged in a thermally
enhanced, compact over-molded ball grid array (BGA)
package suitable for automated assembly by standard sur-
face mount equipment. The LTM8073 is RoHS compliant.
1µF
100µF
47.5k
32.4k
1.2MHz
LTM8073
VOUT
AUX
BIAS
VOUT
5V
3A
VIN
VIN
7V TO 60V
FB
GND
RUN
SYNC
RT
8073 TA01a
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG, SHARE
VIN = 24V
LOAD CURRENT (A)
0
1
2
3
80
85
90
95
BIAS = 5V
8073 TA01


Similar Part No. - LTM8050

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8050 LINER-LTM8050 Datasheet
401Kb / 30P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8050 LINER-LTM8050 Datasheet
436Kb / 24P
58V, 2A Step-Down 關Module Regulator
LTM8050 LINER-LTM8050 Datasheet
376Kb / 28P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8050 LINER-LTM8050 Datasheet
1Mb / 24P
40VIN, 2A Silent Switcher 關Module Regulator
LTM8050 LINER-LTM8050 Datasheet
1Mb / 26P
40VIN, 2.5A Silent Switcher 關Module Regulator
More results

Similar Description - LTM8050

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
SIMPLE SWITCHER 3A Flyback Regulator
logo
Microchip Technology
MIC28511 MICROCHIP-MIC28511 Datasheet
1Mb / 34P
60VIN, 3A Synchronous Buck Regulator
07/14/15
logo
Linear Technology
LTM8003 LINER-LTM8003 Datasheet
401Kb / 30P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
40VIN, 2.5A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
LT8386 AD-LT8386 Datasheet
2Mb / 28P
60V, 3A Silent Switcher Synchronous, Step-Up LED Driver
LTM4710-1 AD-LTM4710-1 Datasheet
3Mb / 24P
Low VIN, Quad 8A Silent Switcher μModule Regulator
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com